Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6748BZCE3 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C6748BZCE3
Description  Fixed- and Floating-Point DSP
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6748BZCE3 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6748BZCE3 Datasheet HTML 1Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 2Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 3Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 4Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 5Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 6Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 7Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 8Page - Texas Instruments TMS320C6748BZCE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 273 page
background image
TMS320C6748
SPRS590F – JUNE 2009 – REVISED MARCH 2014
www.ti.com
The SATA controller provides a high-speed interface to mass data storage devices. The SATA controller
supports both SATA I (1.5 Gbps) and SATA II (3.0 Gbps).
The uPP provides a high-speed interface to many types of data converters, FPGAs, or other parallel
devices. The uPP supports programmable data widths between 8- to 16-bits on both channels. Single-
data rate and double-data rate transfers are supported as well as START, ENABLE, and WAIT signals to
provide control for a variety of data converters.
A video port interface (VPIF) is included providing a flexible video I/O port.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections in this document and
the associated peripheral reference guides.
The device has a complete set of development tools for the DSP. These tools include C compilers, a DSP
assembly optimizer to simplify programming and scheduling, and a Windows® debugger interface for
visibility into source code execution.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TMS320C6748ZCE
NFBGA (361)
13,00 mm x 13,00 mm
TMS320C6748ZWT
NFBGA (361)
16,00 mm x 16,00 mm
4
TMS320C6748 Fixed- and Floating-Point DSP
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6748


Similar Part No. - TMS320C6748BZCE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748BZCE3 TI1-TMS320C6748BZCE3 Datasheet
1Mb / 273P
[Old version datasheet]   TMS320C6748 Fixed- and Floating-Point DSP
TMS320C6748BZCE3 TI1-TMS320C6748BZCE3 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6748BZCE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com