Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6748BZWT3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6748BZWT3
Description  Fixed- and Floating-Point DSP
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6748BZWT3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6748BZWT3 Datasheet HTML 2Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 3Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 4Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 5Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 6Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 7Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 8Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 9Page - Texas Instruments TMS320C6748BZWT3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 273 page
background image
TMS320C6748
SPRS590F – JUNE 2009 – REVISED MARCH 2014
www.ti.com
Table of Contents
1
TMS320C6748 Fixed- and Floating-Point DSP
.... 1
6.10
External Memory Interface A (EMIFA)
............. 107
1.1
Features
.............................................. 1
6.11
DDR2/mDDR Memory Controller
.................. 119
1.2
Applications
........................................... 3
6.12
Memory Protection Units
.......................... 132
1.3
Description
............................................ 3
6.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 135
1.4
Functional Block Diagram
............................ 5
6.14
Serial ATA Controller (SATA)
...................... 138
2
Revision History
......................................... 7
6.15
Multichannel Audio Serial Port (McASP)
.......... 143
3
Device Overview
......................................... 8
6.16
Multichannel Buffered Serial Port (McBSP)
........ 152
3.1
Device Characteristics
................................ 8
6.17
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 161
3.2
Device Compatibility
.................................. 9
6.18
Inter-Integrated Circuit Serial Ports (I2C)
.......... 182
6.19
Universal Asynchronous Receiver/Transmitter
3.3
DSP Subsystem
...................................... 9
(UART)
............................................. 186
3.4
Memory Map Summary
............................. 20
6.20
Universal Serial Bus OTG Controller (USB0)
3.5
Pin Assignments
.................................... 23
[USB2.0 OTG]
..................................... 188
3.6
Pin Multiplexing Control
............................. 26
6.21
Universal Serial Bus Host Controller (USB1)
3.7
Terminal Functions
.................................. 27
[USB1.1 OHCI]
..................................... 195
3.8
Unused Pin Configurations
.......................... 69
6.22
Ethernet Media Access Controller (EMAC)
........ 196
4
Device Configuration
.................................. 71
6.23
Management Data Input/Output (MDIO)
........... 203
4.1
Boot Modes
......................................... 71
6.24
LCD Controller (LCDC)
............................ 205
4.2
SYSCFG Module
.................................... 71
6.25
Host-Port Interface (UHPI)
......................... 220
4.3
Pullup/Pulldown Resistors
.......................... 74
6.26
Universal Parallel Port (uPP)
...................... 228
5
Specifications
........................................... 75
6.27
Video Port Interface (VPIF)
........................ 233
5.1
Absolute Maximum Ratings Over Operating
6.28
Enhanced Capture (eCAP) Peripheral
............. 239
Junction Temperature Range
6.29
Enhanced High-Resolution Pulse-Width Modulator
(Unless Otherwise Noted)
................................. 75
(eHRPWM)
......................................... 242
5.2
Handling Ratings
.................................... 75
6.30
Timers
.............................................. 247
5.3
Recommended Operating Conditions
............... 76
6.31
Real Time Clock (RTC)
............................ 249
5.4
Notes on Recommended Power-On Hours (POH)
. 78
6.32
General-Purpose Input/Output (GPIO)
............. 252
5.5
Electrical Characteristics Over Recommended
6.33
Programmable Real-Time Unit Subsystem
Ranges of Supply Voltage and Operating Junction
(PRUSS)
........................................... 256
Temperature (Unless Otherwise Noted)
............ 79
6.34
Emulation Logic
.................................... 259
6
Peripheral Information and Electrical
7
Device and Documentation Support
.............. 263
Specifications
........................................... 80
7.1
Device Support
..................................... 263
6.1
Parameter Information
.............................. 80
6.2
Recommended Clock and Control Signal Transition
7.2
Documentation Support
............................ 264
Behavior
............................................. 81
7.3
Community Resources
............................. 265
6.3
Power Supplies
...................................... 81
7.4
Trademarks
........................................ 265
6.4
Reset
................................................ 82
7.5
Electrostatic Discharge Caution
................... 265
6.5
Crystal Oscillator or External Clock Input
........... 86
7.6
Glossary
............................................ 265
6.6
Clock PLLs
.......................................... 87
8
Mechanical Packaging and Orderable
6.7
Interrupts
............................................ 92
Information
............................................. 266
6.8
Power and Sleep Controller (PSC)
.................. 96
8.1
Thermal Data for ZCE Package
................... 266
6.9
Enhanced Direct Memory Access Controller
8.2
Thermal Data for ZWT Package
................... 267
(EDMA3)
........................................... 101
8.3
Packaging Information
............................. 267
6
Table of Contents
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6748


Similar Part No. - TMS320C6748BZWT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6748BZWT3 TI1-TMS320C6748BZWT3 Datasheet
1Mb / 273P
[Old version datasheet]   TMS320C6748 Fixed- and Floating-Point DSP
TMS320C6748BZWT3 TI1-TMS320C6748BZWT3 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
More results

Similar Description - TMS320C6748BZWT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6746 TI1-TMS320C6746_14 Datasheet
1Mb / 248P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_17 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_14 Datasheet
1Mb / 273P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6742 TI1-TMS320C6742_16 Datasheet
1Mb / 187P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI1-TMS320C6748_18 Datasheet
1Mb / 272P
[Old version datasheet]   Fixed- and Floating-Point DSP
TMS320C6748 TI-TMS320C6748_1 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6742 TI-TMS320C6742 Datasheet
1Mb / 167P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748 Datasheet
2Mb / 242P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6746 TI-TMS320C6746 Datasheet
1Mb / 216P
[Old version datasheet]   Fixed/Floating-Point DSP
TMS320C6748 TI-TMS320C6748_2 Datasheet
2Mb / 254P
[Old version datasheet]   Fixed/Floating-Point DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com