Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM335 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM335 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM335_15 Datasheet HTML 1Page - Texas Instruments TMS320DM335_15 Datasheet HTML 2Page - Texas Instruments TMS320DM335_15 Datasheet HTML 3Page - Texas Instruments TMS320DM335_15 Datasheet HTML 4Page - Texas Instruments TMS320DM335_15 Datasheet HTML 5Page - Texas Instruments TMS320DM335_15 Datasheet HTML 6Page - Texas Instruments TMS320DM335_15 Datasheet HTML 7Page - Texas Instruments TMS320DM335_15 Datasheet HTML 8Page - Texas Instruments TMS320DM335_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
TMS320DM335
SPRS528C – JULY 2008 – REVISED JUNE 2010
www.ti.com
– Two Multimedia Card (MMC) / Secure Digital
• Four Pulse Width Modulator (PWM) Outputs
(SD/SDIO)
• Four RTO (Real Time Out) Outputs
– SmartMedia
• Up to 104 General-Purpose I/O (GPIO) Pins
• Enhanced Direct-Memory-Access (EDMA)
(Multiplexed with Other Device Functions)
Controller (64 Independent Channels)
• On-Chip ARM ROM Bootloader (RBL) to Boot
• USB Port with Integrated 2.0 High-Speed PHY
from NAND Flash (with SPI EEPROM Boot
that Supports
option), MMC/SD, or UART
– USB 2.0 Full and High-Speed Device
• Configurable Power-Saving Modes
– USB 2.0 Low, Full, and High-Speed Host
• Crystal or External Clock Input (typically
24 MHz or 36 MHz)
• Three 64-Bit General-Purpose Timers (each
configurable as two 32-bit timers)
• Flexible PLL Clock Generators
• One 64-Bit Watch Dog Timer
• Debug Interface Support
• Three UARTs (One fast UART with RTS and
– IEEE-1149.1 (JTAG)
CTS Flow Control)
Boundary-Scan-Compatible
• Three Serial Port Interfaces (SPI) each with two
– ETB™ (Embedded Trace Buffer™) with
Chip-Selects
4K-Bytes Trace Buffer memory
• One Master/Slave Inter-Integrated Circuit (I2C)
– Device Revision ID Readable by ARM
Bus®
• 337-Pin Ball Grid Array (BGA) Package
• Two Audio Serial Port (ASP)
(ZCE Suffix), 0.65-mm Ball Pitch
– I2S and TDM I2S
• 90nm Process Technology
– AC97 Audio Codec Interface
• 3.3-V and 1.8-V I/O, 1.3-V Internal
– S/PDIF via Software
• Community Resources
– Standard Voice Codec Interface (AIC12)
– TI E2E Community
– SPI Protocol (Master Mode Only)
– TI Embedded Processors Wiki
2
Digital Media System-on-Chip (DMSoC)
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM335


Similar Part No. - TMS320DM335_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM335 TI-TMS320DM335_1 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM335_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com