Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467TZUT1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320DM6467TZUT1
Description  Digital Media System-on-Chip
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6467TZUT1 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM6467TZUT1 Datasheet HTML 1Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 2Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 3Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 4Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 5Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 6Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 7Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 8Page - Texas Instruments TMS320DM6467TZUT1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 352 page
background image
TMS320DM6467T
SPRS605C – JULY 2009 – REVISED JUNE 2012
www.ti.com
• External Memory Interfaces (EMIFs)
– SIR and MIR (0.576 MBAUD)
– Up to 400-MHz 32-Bit DDR2 SDRAM Memory
– CIR With Programmable Data Encoding
Controller With 512M-Byte Address Space
• One Serial Peripheral Interface (SPI) With Two
(1.8-V I/O)
Chip-Selects
– Asynchronous16-Bit Wide EMIF (EMIFA)
• Master/Slave Inter-Integrated Circuit (I2C Bus™)
With 128M-Byte Address Reach
• Two Multichannel Audio Serial Ports (McASPs)
Flash Memory Interfaces
– One Four Serializer Transmit/Receive Port
NOR (8-/16-Bit-Wide Data)
– One Single DIT Transmit Port for S/PDIF
NAND (8-/16-Bit-Wide Data)
• 32-Bit Host Port Interface (HPI)
• Enhanced Direct-Memory-Access (EDMA)
• VLYNQ™ Interface (FPGA Interface)
Controller (64 Independent Channels)
• Two Pulse Width Modulator (PWM) Outputs
– Programmable Default Burst Size
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
• Up to 33 General-Purpose I/O (GPIO) Pins
– IEEE 802.3 Compliant (3.3-V I/O Only)
(Multiplexed With Other Device Functions)
– Supports MII and GMII Media Independent
• On-Chip ARM ROM Bootloader (RBL)
Interfaces
• Individual Power-Saving Modes for ARM/DSP
– Management Data I/O (MDIO) Module
• Flexible PLL Clock Generators
• USB Port With Integrated 2.0 PHY
• IEEE-1149.1 (JTAG) Boundary-
– USB 2.0 High-/Full-Speed Client
Scan-Compatible
– USB 2.0 High-/Full-/Low-Speed Host
• 529-Pin Pb-Free BGA Package
(Mini-Host, Supporting One External
(CUT Suffix), 0.8-mm Ball Pitch
Device)
• 0.09-
μm/7-Level Cu Metal Process (CMOS)
• 32-Bit, 66-MHz, 3.3 V Peripheral Component
• 3.3-V and 1.8-V I/O, 1.3-V Internal
Interconnect (PCI) Master/Slave Interface
• Applications:
– Conforms to PCI Specification 2.3
– Video Encode/Decode/Transcode/Transrate
• Two 64-Bit General-Purpose Timers (Each
– Digital Media
Configurable as Two 32-Bit Timers)
– Networked Media Encode/Decode
• One 64-Bit Watch Dog Timer
– Video Imaging
• Three Configurable UART/IrDA/CIR Modules
– Video Infrastructure
(One With Modem Control Signals)
– Video Conferencing
– Supports up to 1.8432 Mbps UART
2
Digital Media System-on-Chip (DMSoC)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467T


Similar Part No. - TMS320DM6467TZUT1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6467TZUT1 TI1-TMS320DM6467TZUT1 Datasheet
2Mb / 352P
[Old version datasheet]   TMS320DM6467T Digital Media System-on-Chip
TMS320DM6467TZUT1 TI1-TMS320DM6467TZUT1 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6467TZUT1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com