Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F241PGAG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F241PGAG4
Description  DSP CONTROLLERS
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F241PGAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F241PGAG4 Datasheet HTML 7Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 8Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 9Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 10Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 11Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 12Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 13Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 14Page - Texas Instruments TMS320F241PGAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064D − DECEMBER 1997 − REVISED FEBRUARY 2006
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions - F243 PGE Package (Continued)
NAME
144
LQFP
TYPE†
RESET
STATE‡
DESCRIPTION
NAME
NO.
TYPE†
STATE‡
DESCRIPTION
INTERRUPT, EXTERNAL ACCESS, AND MISCELLANEOUS SIGNALS (CONTINUED)
PMT
68
I
I
Enables parallel module test (PMT). This pin must be connected to ground.
(
↓)
VCCP/WDDIS
77
I
I
Flash programming voltage pin and watchdog disable. This is the 5-V supply used
for flash programming. Flash cannot be programmed if this pin is held at 0 V. This
pin also works as a hardware watchdog disable, when VCCP/WDDIS = +5 V and
bit 6 in WDCR is set to 1. Do not use a current-limiting resistor on this pin.
DEDICATED I/O SIGNALS
IOPD2
20
I/O
Dedicated GPIO − Port D bit 2
(
↓)
IOPD3
21
I/O
Dedicated GPIO − Port D bit 3
(
↓)
IOPD4
23
I/O
I
Dedicated GPIO − Port D bit 4
(
↓)
IOPD5
25
I/O
I
Dedicated GPIO − Port D bit 5
(
↓)
IOPD6
27
I/O
Dedicated GPIO − Port D bit 6
(
↓)
IOPD7
29
I/O
Dedicated GPIO − Port D bit 7
(
↓)
DATA AND ADDRESS BUS SIGNALS
D0
(
↓)
33
D1
(
↓)
35
D2
(
↓)
38
D3
(
↓)
46
D4
(
↓)
48
D5
(
↓)
50
D6
(
↓)
52
D7
(
↓)
54
I/O/Z
Bit x of the 16-bit Data Bus
D8
(
↑)
57
I/O/Z
Bit x of the 16-bit Data Bus
D9
(
↓)
59
D10
(
↓)
61
D11
(
↓)
63
D12
(
↓)
65
D13
(
↓)
67
D14
(
↓)
69
D15
(
↓)
71
† I = input, O = output, Z = high impedance
‡ The reset state indicates the state of the pin at reset. If the pin is an input, indicated by an I, its state is determined by user design. If the pin is
an output, its level at reset is indicated.
§ At reset, the device comes up with AVIS mode enabled. The data bus is in output mode while AVIS is enabled.
NOTE: Bold, italicized pin names indicate pin function after reset.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is 150
µA.)


Similar Part No. - TMS320F241PGAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F241PGA TI1-TMS320F241PGA Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320F241PGAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com