Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320DM8148BCYE Datasheet(PDF) 8 Page - Texas Instruments

Part # TMX320DM8148BCYE
Description  DaVinci Video Processors
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320DM8148BCYE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMX320DM8148BCYE Datasheet HTML 4Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 5Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 6Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 7Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 8Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 9Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 10Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 11Page - Texas Instruments TMX320DM8148BCYE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS647D device-specific
data manual to make it an SPRS647E revision.
Scope: Applicable updates to the DM814x DaVinci™ Video DMP device family, specifically relating to the
TMS320DM8148/47 devices (Silicon Revisions 3.0, 2.1), which are now in the production data (PD) stage
of development have been incorporated.
Updated/Changed Power-Up Sequence
Updated/Changed Power-Down Sequence
Low-end OPP combinations no longer supported (CVDD_x < CVDD)
Added RXACTIVE Function (Bit 18) to PINCTRLx Register Description
Added Power-On Hours (POH) section
Added Latch-Up Performance Absolute Maximum Ratings
DDR2/DDR3 supports up to 533 MHz
OPP50 is not supported
SmartReflex™ (AVS) is not supported
Deep Sleep Mode is not supported
HDMI HDCP encryption is not supported
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Replaced all instances of "DSP/EDMA MMU" with "System MMU"
Deleted all references to OPP50 and Deep Sleep Mode
Global
Deleted the TMS320DM8146 device along with any device-specific information; no longer
supported
Updated/Changed description the HD Video Processing Subsystem (HDVPSS)
Section 1
Updated/Changed the Dual 32-Bit DDR2/DDR3 SDRAM Interfaces sub-bullet from "Supports up to
Features
DDR2-800 and DDR3-800" to "Supports up to DDR2-800 and DDR3-1066"
Table 2-2, Characteristics of the Processor:
Section 2.2
Updated/Changed the HD Video Processing Subsystem (HDVPSS) row
Device Characteristics
Updated/Changed Core Logic (V), OPP100, OPP120 range from "0.95 V – 1.20 V" to "1.10 V –
1.20 V"
Table 2-7, L4 Slow Peripheral Memory Map:
Section 2.12.4.2
Updated/Changed 0x4818_8000–0x4818_BFFF Device Name from "SmartReflex0/1 Peripheral
L4 Slow Peripheral
and Support Registers" to "Reserved"
Memory Map
Updated/Changed 0x4819_0000–0x4819_3FFF Device Name from "SmartReflex2/3 Peripheral
and Support Registers" to "Reserved"
Table 3-11, GP1 Terminal Functions:
Section 3.2.7
General-Purpose
Added "The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register...." to the pin descriptions for
Input/Outputs (GPIOs)
pins GP1[10:7] (V2, V1, W2, and W1 respectively).
Table 3-48, Reserved Terminal Functions:
Section 3.2.25
Reserved Pins
Updated/Changed TYPE for Signal No. Y14 (RSV4) and AC8 (RSV5) from "S" to "I"
8
Contents
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147


Similar Part No. - TMX320DM8148BCYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320DM8148BCYE TI1-TMX320DM8148BCYE Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMX320DM8148BCYEA0 TI1-TMX320DM8148BCYEA0 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMX320DM8148BCYEA1 TI1-TMX320DM8148BCYEA1 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
More results

Similar Description - TMX320DM8148BCYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8168 TI1-TMS320DM8168_13 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com