Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F280200DA Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320F280200DA
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F280200DA Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F280200DA Datasheet HTML 1Page - Texas Instruments TMS320F280200DA Datasheet HTML 2Page - Texas Instruments TMS320F280200DA Datasheet HTML 3Page - Texas Instruments TMS320F280200DA Datasheet HTML 4Page - Texas Instruments TMS320F280200DA Datasheet HTML 5Page - Texas Instruments TMS320F280200DA Datasheet HTML 6Page - Texas Instruments TMS320F280200DA Datasheet HTML 7Page - Texas Instruments TMS320F280200DA Datasheet HTML 8Page - Texas Instruments TMS320F280200DA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
TMS320F2802x Piccolo™ Microcontrollers
1
Device Overview
1
1.1
Features
1
• High-Efficiency 32-Bit CPU (TMS320C28x)
– 60 MHz (16.67-ns Cycle Time)
– 50 MHz (20-ns Cycle Time)
– 40 MHz (25-ns Cycle Time)
– 16 × 16 and 32 × 32 MAC Operations
– 16 × 16 Dual MAC
– Harvard Bus Architecture
– Atomic Operations
– Fast Interrupt Response and Processing
– Unified Memory Programming Model
– Code-Efficient (in C/C++ and Assembly)
• Endianness: Little Endian
• Low Cost for Both Device and System:
– Single 3.3-V Supply
– No Power Sequencing Requirement
– Integrated Power-on and Brown-out Resets
– Small Packaging, as Low as 38-Pin Available
– Low Power
– No Analog Support Pins
• Clocking:
– Two Internal Zero-Pin Oscillators
– On-Chip Crystal Oscillator and External Clock
Input
– Watchdog Timer Module
– Missing Clock Detection Circuitry
• Up to 22 Individually Programmable, Multiplexed
GPIO Pins With Input Filtering
• Peripheral Interrupt Expansion (PIE) Block That
Supports All Peripheral Interrupts
• Three 32-Bit CPU Timers
• Independent 16-Bit Timer in Each Enhanced Pulse
Width Modulator (ePWM)
• On-Chip Memory
– Flash, SARAM, OTP, Boot ROM Available
• Code-Security Module
• 128-Bit Security Key and Lock
– Protects Secure Memory Blocks
– Prevents Firmware Reverse Engineering
• Serial Port Peripherals
– One Serial Communications Interface (SCI)
Universal Asynchronous Receiver/Transmitter
(UART) Module
– One Serial Peripheral Interface (SPI) Module
– One Inter-Integrated-Circuit (I2C) Module
• Enhanced Control Peripherals
– ePWM
– High-Resolution PWM (HRPWM)
– Enhanced Capture (eCAP) Module
– Analog-to-Digital Converter (ADC)
– On-Chip Temperature Sensor
– Comparator
• Advanced Emulation Features
– Analysis and Breakpoint Functions
– Real-Time Debug Through Hardware
• 2802x, 2802xx Packages
– 38-Pin DA Thin Shrink Small-Outline Package
(TSSOP)
– 48-Pin PT Low-Profile Quad Flatpack (LQFP)
1.2
Applications
White Goods
Switch Mode Power Supplies (SMPSs)
DC-DC Multiple-Output Power Supplies
Solar Micro Inverters and Converters
LED Lighting
Power Factor Correction
Sewing and Textile Machines
eBikes


Similar Part No. - TMS320F280200DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280200DA TI1-TMS320F280200DA Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DA TI-TMS320F280200DA Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
TMS320F280200DA TI-TMS320F280200DA Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
TMS320F280200DAS TI-TMS320F280200DAS Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200DAS TI1-TMS320F280200DAS Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F280200DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com