Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28021DAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28021DAT
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28021DAT Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F28021DAT Datasheet HTML 1Page - Texas Instruments TMS320F28021DAT Datasheet HTML 2Page - Texas Instruments TMS320F28021DAT Datasheet HTML 3Page - Texas Instruments TMS320F28021DAT Datasheet HTML 4Page - Texas Instruments TMS320F28021DAT Datasheet HTML 5Page - Texas Instruments TMS320F28021DAT Datasheet HTML 6Page - Texas Instruments TMS320F28021DAT Datasheet HTML 7Page - Texas Instruments TMS320F28021DAT Datasheet HTML 8Page - Texas Instruments TMS320F28021DAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 138 page
background image
2
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
Device Overview
Copyright © 2008–2016, Texas Instruments Incorporated
1.3
Description
The F2802x Piccolo™ family of microcontrollers provides the power of the C28x core coupled with highly
integrated control peripherals in low pin-count devices. This family is code-compatible with previous C28x-
based code, and also provides a high level of analog integration.
An internal voltage regulator allows for single-rail operation. Enhancements have been made to the
HRPWM to allow for dual-edge control (frequency modulation). Analog comparators with internal 10-bit
references have been added and can be routed directly to control the PWM outputs. The ADC converts
from 0 to 3.3-V fixed full-scale range and supports ratio-metric VREFHI/VREFLO references. The ADC
interface has been optimized for low overhead and latency.
(1)
For more information on these devices, see Section 9, Mechanical Packaging and Orderable
Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F28027PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28026PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28023PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28022PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28021PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28020PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F280200PT
LQFP (48)
7.0 mm × 7.0 mm
TMS320F28027DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28026DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28023DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28022DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28021DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F28020DA
TSSOP (38)
12.5 mm × 6.2 mm
TMS320F280200DA
TSSOP (38)
12.5 mm × 6.2 mm


Similar Part No. - TMS320F28021DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28021DAT TI-TMS320F28021DAT Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021DAT TI1-TMS320F28021DAT Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021DAT TI1-TMS320F28021DAT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021DAT TI1-TMS320F28021DAT Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021DAT TI-TMS320F28021DAT Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28021DAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com