Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28030PNT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28030PNT
Description  Piccolo Microcontrollers
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28030PNT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28030PNT Datasheet HTML 3Page - Texas Instruments TMS320F28030PNT Datasheet HTML 4Page - Texas Instruments TMS320F28030PNT Datasheet HTML 5Page - Texas Instruments TMS320F28030PNT Datasheet HTML 6Page - Texas Instruments TMS320F28030PNT Datasheet HTML 7Page - Texas Instruments TMS320F28030PNT Datasheet HTML 8Page - Texas Instruments TMS320F28030PNT Datasheet HTML 9Page - Texas Instruments TMS320F28030PNT Datasheet HTML 10Page - Texas Instruments TMS320F28030PNT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 160 page
background image
Copyright © 2009–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28030 TMS320F28031 TMS320F28032 TMS320F28033 TMS320F28034
TMS320F28035
7
TMS320F28030, TMS320F28031, TMS320F28032
TMS320F28033, TMS320F28034, TMS320F28035
www.ti.com
SPRS584K – APRIL 2009 – REVISED JUNE 2016
Table 3-1. Device Comparison (continued)
FEATURE
TYPE
(1)
28030
(60 MHz)
28031
(60 MHz)
28032
(60 MHz)
28033
(60 MHz)
28034
(60 MHz)
28035
(60 MHz)
Package Type
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
80-Pin
PN
LQFP
64-Pin
PAG
TQFP
56-Pin
RSH
VQFN
(2)
The letter Q refers to Q100 qualification for automotive applications.
External interrupts
3
3
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Temperature
options
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
Q: –40°C to 125°C
(2)
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No


Similar Part No. - TMS320F28030PNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030PNT TI-TMS320F28030PNT Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNT TI1-TMS320F28030PNT Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNT TI1-TMS320F28030PNT Datasheet
1Mb / 161P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNT TI1-TMS320F28030PNT Datasheet
2Mb / 163P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28030PNT TI1-TMS320F28030PNT Datasheet
2Mb / 162P
[Old version datasheet]   TMS320F2803x Piccolo??Microcontrollers
More results

Similar Description - TMS320F28030PNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com