Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28021PTT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28021PTT
Description  Piccolo Microcontrollers
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28021PTT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28021PTT Datasheet HTML 7Page - Texas Instruments TMS320F28021PTT Datasheet HTML 8Page - Texas Instruments TMS320F28021PTT Datasheet HTML 9Page - Texas Instruments TMS320F28021PTT Datasheet HTML 10Page - Texas Instruments TMS320F28021PTT Datasheet HTML 11Page - Texas Instruments TMS320F28021PTT Datasheet HTML 12Page - Texas Instruments TMS320F28021PTT Datasheet HTML 13Page - Texas Instruments TMS320F28021PTT Datasheet HTML 14Page - Texas Instruments TMS320F28021PTT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
11
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523K – NOVEMBER 2008 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200
Terminal Configuration and Functions
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, Z = High Impedance, OD = Open Drain,
↑ = Pullup, ↓ = Pulldown
4.2
Signal Descriptions
Table 4-1 describes the signals. With the exception of the JTAG pins, the GPIO function is the default at
reset, unless otherwise mentioned. The peripheral signals that are listed under them are alternate
functions. Some peripheral functions may not be available in all devices. See Table 3-1 for details. Inputs
are not 5-V tolerant. All GPIO pins are I/O/Z and have an internal pullup, which can be selectively
enabled/disabled on a per-pin basis. This feature only applies to the GPIO pins. The pullups on the PWM
pins are not enabled at reset. The pullups on other GPIO pins are enabled upon reset. The AIO pins do
not have an internal pullup.
NOTE: When the on-chip VREG is used, the GPIO19, GPIO34, GPIO35, GPIO36, GPIO37, and GPIO38
pins could glitch during power up. If this is unacceptable in an application, 1.8 V could be supplied
externally. Alternatively, adding a current-limiting resistor (for example, 470 Ω) in series with these pins
and any external driver could be considered to limit the potential for degradation to the pin and/or external
circuitry. There is no power-sequencing requirement when using an external 1.8-V supply. However, if the
3.3-V transistors in the level-shifting output buffers of the I/O pins are powered before the 1.8-V
transistors, it is possible for the output buffers to turn on, causing a glitch to occur on the pin during power
up. To avoid this behavior, power the VDD pins before or with the VDDIO pins, ensuring that the VDD pins
have reached 0.7 V before the VDDIO pins reach 0.7 V.
Table 4-1. Signal Descriptions(1)
TERMINAL
I/O/Z
DESCRIPTION
NAME
PT
PIN #
DA
PIN #
JTAG
TRST
2
16
I
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan
system control of the operations of the device. If this signal is not connected or driven
low, the device operates in its functional mode, and the test reset signals are ignored.
NOTE: TRST is an active high test pin and must be maintained low at all times during
normal device operation. An external pulldown resistor is required on this pin. The
value of this resistor should be based on drive strength of the debugger pods
applicable to the design. A 2.2-k
Ω resistor generally offers adequate protection. Since
this is application-specific, it is recommended that each target board be validated for
proper operation of the debugger and the application. (
↓)
TCK
See GPIO38
I
See GPIO38. JTAG test clock with internal pullup (
↑)
TMS
See GPIO36
I
See GPIO36. JTAG test-mode select (TMS) with internal pullup. This serial control
input is clocked into the TAP controller on the rising edge of TCK. (
↑)
TDI
See GPIO35
I
See GPIO35. JTAG test data input (TDI) with internal pullup. TDI is clocked into the
selected register (instruction or data) on a rising edge of TCK. (
↑)
TDO
See GPIO37
O/Z
See GPIO37. JTAG scan out, test data output (TDO). The contents of the selected
register (instruction or data) are shifted out of TDO on the falling edge of TCK.
(8-mA drive)
FLASH
TEST
30
38
I/O
Test Pin. Reserved for TI. Must be left unconnected.


Similar Part No. - TMS320F28021PTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28021PTT TI-TMS320F28021PTT Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021PTT TI1-TMS320F28021PTT Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021PTT TI1-TMS320F28021PTT Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021PTT TI1-TMS320F28021PTT Datasheet
2Mb / 139P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021PTT TI-TMS320F28021PTT Datasheet
4Mb / 135P
[Old version datasheet]   TMS320F2802x Microcontrollers
More results

Similar Description - TMS320F28021PTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com