Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C242PGA Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C242PGA
Description  High-Performance Static CMOS Technology
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C242PGA Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C242PGA Datasheet HTML 1Page - Texas Instruments TMS320C242PGA Datasheet HTML 2Page - Texas Instruments TMS320C242PGA Datasheet HTML 3Page - Texas Instruments TMS320C242PGA Datasheet HTML 4Page - Texas Instruments TMS320C242PGA Datasheet HTML 5Page - Texas Instruments TMS320C242PGA Datasheet HTML 6Page - Texas Instruments TMS320C242PGA Datasheet HTML 7Page - Texas Instruments TMS320C242PGA Datasheet HTML 8Page - Texas Instruments TMS320C242PGA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
TMS320C242
DSPCONTROLLER
SPRS063D − DECEMBER 1997 − REVISED SEPTEMBER 2000
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
REVISION HISTORY
REVISION
DATE
PRODUCT STATUS
HIGHLIGHTS
D
September 2000
Production Data
The internal pullup/pulldown information has been corrected for the
pins as appropriate. This information can be found in the “Terminal
Functions” section of the data sheet.
Errors in the memory map have been rectified with respect to re-
served and illegal addresses. SPI and CAN register spaces have
been marked as “Illegal”. Changes have been made to improve the
clarity of the memory maps.
The functional diagram depicting the operation of the GPIO pins has
been modified to enhance the understanding of pin behavior.
The bit positions for the PIRQRn and PIACKRn registers have been
corrected in Table 5 to reflect the silicon.
The input currents (II) have been specified separately for pins with
pullup and pulldown.
The IDD specification now includes a “Typical” number.
The LPM2 current number has been changed from 75
µA to 5 mA.
The figure corresponding to “IDLE2 Entry and Exit Timing” for LPM1
mode has been removed. Note that the parameters are identical to
LPM0.
The “Reset Timing” figure now includes the state of the GPIO pins
for “Power-on” reset.
Table 14, “Differences Between the TMS320F241 and the
TMS320C242 Devices”, has been added to aid migration from Flash
to ROM designs.


Similar Part No. - TMS320C242PGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C242PG TI-TMS320C242PG Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320C242PGA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q1024K8SRAM AEROFLEX-8Q1024K8SRAM Datasheet
238Kb / 15P
   high-performance 1M byte (8Mbit) CMOS static RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
GLT725608 ETC-GLT725608 Datasheet
1Mb / 12P
   Ultra High Performance 32K x 8 Bit CMOS STATIC RAM
logo
Analog Power
AM1541CE ANALOGPOWER-AM1541CE Datasheet
104Kb / 3P
   High performance trench technology
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GLT7256L08 ETC1-GLT7256L08 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
   High-Performance gate array package using dual metal layer CMOS technology
logo
Integrated Device Techn...
IDT74FCT827A IDT-IDT74FCT827A Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com