Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C242PGS Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C242PGS
Description  High-Performance Static CMOS Technology
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C242PGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C242PGS Datasheet HTML 2Page - Texas Instruments TMS320C242PGS Datasheet HTML 3Page - Texas Instruments TMS320C242PGS Datasheet HTML 4Page - Texas Instruments TMS320C242PGS Datasheet HTML 5Page - Texas Instruments TMS320C242PGS Datasheet HTML 6Page - Texas Instruments TMS320C242PGS Datasheet HTML 7Page - Texas Instruments TMS320C242PGS Datasheet HTML 8Page - Texas Instruments TMS320C242PGS Datasheet HTML 9Page - Texas Instruments TMS320C242PGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
TMS320C242
DSPCONTROLLER
SPRS063D − DECEMBER 1997 − REVISED SEPTEMBER 2000
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
pinouts (continued)
WDDIS
NMI
XINT2/ADCSOC/IOPD1
XINT1/IOPA2
TDIR/IOPB6
TCLKIN/IOPB7
PDPINT
PWM6/IOPB3
PWM5/IOPB2
PWM4/IOPB1
PWM3/IOPB0
PWM2/IOPA7
PWM1/IOPA6
TRST
TMS
TDO
TDI
TCK
RS
VSSO
DNC
ADCIN00
ADCIN01
ADCIN02
ADCIN03
ADCIN04
32
31
30
29
28
27
26
25
24
23
22
21
20
52
53
54
55
56
57
58
59
60
61
62
63
64
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
PG PACKAGE†
(TOP VIEW)
TMS320C242
(64-Pin QFP)
† NC = No connection, DNC = Do not connect


Similar Part No. - TMS320C242PGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C242PG TI-TMS320C242PG Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320C242PGS

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
8Q1024K8SRAM AEROFLEX-8Q1024K8SRAM Datasheet
238Kb / 15P
   high-performance 1M byte (8Mbit) CMOS static RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
GLT725608 ETC-GLT725608 Datasheet
1Mb / 12P
   Ultra High Performance 32K x 8 Bit CMOS STATIC RAM
logo
Analog Power
AM1541CE ANALOGPOWER-AM1541CE Datasheet
104Kb / 3P
   High performance trench technology
logo
List of Unclassifed Man...
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GLT7256L08 ETC1-GLT7256L08 Datasheet
476Kb / 10P
   Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
   High-Performance gate array package using dual metal layer CMOS technology
logo
Integrated Device Techn...
IDT74FCT827A IDT-IDT74FCT827A Datasheet
111Kb / 7P
   HIGH-PERFORMANCE CMOS BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com