Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EPT20 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EPT20
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EPT20 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EPT20 Datasheet HTML 1Page - ON Semiconductor MC10EPT20 Datasheet HTML 2Page - ON Semiconductor MC10EPT20 Datasheet HTML 3Page - ON Semiconductor MC10EPT20 Datasheet HTML 4Page - ON Semiconductor MC10EPT20 Datasheet HTML 5Page - ON Semiconductor MC10EPT20 Datasheet HTML 6Page - ON Semiconductor MC10EPT20 Datasheet HTML 7Page - ON Semiconductor MC10EPT20 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EPT20, MC100EPT20
http://onsemi.com
5
0
100
200
300
400
500
600
700
800
900
0
200
400
600
800
1000
1200
1
2
3
4
5
6
7
8
9
INPUT CLOCK FREQUENCY (MHz)
(JITTER)
Figure 2. Output Voltage Amplitude (VOUTpp)/RMS Jitter
vs. Input Clock Frequency at Ambient Temperature
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50
W
50
W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC10EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
MC10EPT20D ONSEMI-MC10EPT20D Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
MC10EPT20D ONSEMI-MC10EPT20D Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC10EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
   LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_05 Datasheet
487Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com