Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS3240650 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMDS3240650
Description  Powerful 16-Bit TMS320C511A CPU
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS3240650 Datasheet(HTML) 5 Page - Texas Instruments

  TMDS3240650 Datasheet HTML 1Page - Texas Instruments TMDS3240650 Datasheet HTML 2Page - Texas Instruments TMDS3240650 Datasheet HTML 3Page - Texas Instruments TMDS3240650 Datasheet HTML 4Page - Texas Instruments TMDS3240650 Datasheet HTML 5Page - Texas Instruments TMDS3240650 Datasheet HTML 6Page - Texas Instruments TMDS3240650 Datasheet HTML 7Page - Texas Instruments TMDS3240650 Datasheet HTML 8Page - Texas Instruments TMDS3240650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TMS320C511A
DIGITAL SIGNAL PROCESSOR
SPRS053 – FEBRUARY 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions for a TMS320C511A Device in the PJ/PZ Package (Continued)
SIGNAL
TYPE
DESCRIPTION
EMULATION/IEEE 1149.1 (JTAG) INTERFACE
TDI
I
IEEE 1149.1 test-access-port scan data input
TDO
O/Z
IEEE 1149.1 test-access-port scan data output
TMS
I
IEEE 1149.1 test-access-port mode-select input
TCK
I
IEEE 1149.1 test-access-port clock input
TRST
I
IEEE 1149.1 test-access-port reset (with pulldown resistor). TRST disables JTAG when low.
EMU0
I/O/Z
Emulation control 0. EMU0 is reserved for emulation use.
EMU1/OFF
I/O/Z
Emulation control 1. EMU1/OFF puts outputs in the high-impedance state when low.
CLOCK GENERATION AND CONTROL
X1
O
Divide-by-two oscillator output
X2/CLKIN
I
Divide-by-two clock/oscillator input
CLKMD1,
CLKMD2,
CLKMD3
I
Clock-mode select inputs
CLKOUT1
O/Z
Device system-clock output
POWER SUPPLY CONNECTIONS
VDDA
S
Supply connection, address-bus output
VDDD
S
Supply connection, data-bus output
VDDC
S
Supply connection, control output
VDDI
S
Supply connection, internal logic
VSSA
S
Supply connection, address-bus output
VSSD
S
Supply connection, data-bus output
VSSC
S
Supply connection, control output
VSSI
S
Supply connection, internal logic
Legend:
I
= Input
O = Output
Z = High impedance
S = Supply
architecture
The ’C511A’s advanced Harvard-type architecture maximizes processing power by maintaining two memory
bus structures — program and data — for full-speed execution. Instructions support data transfers between the
two spaces. This architecture permits coefficients that are stored in program memory to be read into the RAM,
thereby eliminating the need for a separate coefficient ROM. It also makes available immediate instructions and
subroutines based on computed values.
Increased throughput on the ’C511A for many DSP applications is accomplished by means of single-cycle
multiply/accumulate instructions with a data-move option, up to eight auxiliary registers with a dedicated
arithmetic unit, and faster I/O necessary for data-intensive signal processing.
The architecture emphasizes overall speed, communication, and flexibility in processor configuration. Control
signals and instructions provide floating-point support, block-memory transfers, communication to slower
off-chip devices, and multiprocessing implementations (see the functional block diagram).
Table 2 explains the symbols that are used in the functional block diagram.


Similar Part No. - TMDS3240650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS3242250-08 TI1-TMDS3242250-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMDS3242251-08 TI1-TMDS3242251-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMDS3242255-08 TI1-TMDS3242255-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMDS3242260-08 TI1-TMDS3242260-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMDS3242265-08 TI1-TMDS3242265-08 Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMDS3240650

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F296E STMICROELECTRONICS-ST10F296E Datasheet
5Mb / 346P
   High performance 16-bit CPU with DSP functions
October 2008 Rev 2
logo
NXP Semiconductors
P8XCX66 PHILIPS-P8XCX66 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
NXP Semiconductors
S32V234 NXP-S32V234 Datasheet
1Mb / 90P
   ARM Cortex-M4, 32-bit CPU 16 KB/16 KB I-/D- L1 Cache
Rev. 9, 03/2020
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
logo
Megawin Technology Co.,...
MLC331B MEGAWIN-MLC331B Datasheet
493Kb / 30P
   Single chip 8-bit CPU
MG69L340 MEGAWIN-MG69L340 Datasheet
596Kb / 28P
   Single Chip 8-bit CPU
MA014B MEGAWIN-MA014B Datasheet
206Kb / 14P
   Single chip 8-bit CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com