Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6202BGNY250 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6202BGNY250
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6202BGNY250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6202BGNY250 Datasheet HTML 3Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 4Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 5Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 6Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 7Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 8Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 9Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 10Page - Texas Instruments TMS320C6202BGNY250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
TMS320C6202, TMS320C6202B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS104I -- OCTOBER 1999 -- REVISED MARCH 2004
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
device characteristics (continued)
Table 1. Characteristics of the Pin-Compatible DSPs
HARDWARE FEATURES
C6202
C6202B
C6203B
C6204
EMIF
Peripherals
DMA
4-Channel
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
Peripherals
Expansion Bus
McBSPs
3
3
3
2
32-Bit Timers
2
2
2
2
Size (Bytes)
256K
256K
384K
64K
Internal
Program
Memory
Organization
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
128K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
256K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
1 Block:
64K-Byte
Cache/Mapped
Program
Size (Bytes)
128K
128K
512K
64K
Internal Data
Memory
Organization
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
CPUID+
CPU Rev ID
Control Status
Register (CSR.[31:16])
0x0002
0x0003
0x0003
0x0003
Frequency
MHz
200, 250
250, 300
250, 300
200
Cycle Time
ns
4 ns (6202-250)
5 ns (6202-200)
3.33 ns (6202B-300)
4 ns (6202B-250)
4 ns (02BGNZA-250)
3.33 ns (6203B-300)
4 ns (6203B-250)
4 ns (03BGNZA-250)
5 ns (6204-200)
Core (V)
1 8
1 5
1.5
1 5
Voltage
Core (V)
1.8
1.5
1.7
1.5
Voltage
I/O (V)
3.3
3.3
3.3
3.3
PLL Options
CLKIN frequency
multiplier [Bypass (x1),
x4, x6, x7, x8, x9, x10,
and x11]
x1, x4
(Both Pkgs)
All PLL Options
(GNY Pkg)
x1, x4, x8, x10
(GNZ Pkg)
All PLL Options
(GLS/GNY Pkgs)
x1, x4, x8, x10
(GNZ Pkg)
x1, x4
(Both Pkgs)
27 x 27 mm
352-pin GJL
352-pin GNZ
352-pin GNZ
--
BGA
18 x 18 mm
384-pin GLS
--
384-pin GLS
340-pin GLW
BGA
Packages
18 x 18 mm
--
384-pin GNY
384-pin GNY
(2.x, 3.x only)
--
16 x 16 mm
--
--
--
288-pin GHK
Process
Technology
μm
0.18 μm
0.15 μm
0.15 μm
0.15 μm
Product
Status
Product Preview (PP)
Advance Information
(AI)
Production Data (PD)
PD
PD
PD
PD
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include testing of all parameters.


Similar Part No. - TMS320C6202BGNY250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6202BGNY250 TI-TMS320C6202BGNY250 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202BGNY250 TI-TMS320C6202BGNY250 Datasheet
1Mb / 105P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6202BGNY250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com