Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6201GJLA200 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6201GJLA200
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6201GJLA200 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6201GJLA200 Datasheet HTML 1Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 2Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 3Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 4Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 5Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 6Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 7Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 8Page - Texas Instruments TMS320C6201GJLA200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
TMS320C6201
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS051H -- JANUARY 1997 -- REVISED MARCH 2004
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Table of Contents
parameter measurement information
30
...............
input and output clocks
31
...........................
asynchronous memory timing
33
.....................
synchronous-burst memory timing
35
.................
synchronous DRAM timing
39
.......................
HOLD/HOLDA timing
43
............................
reset timing
44
.....................................
external interrupt timing
46
..........................
host-port interface timing
47
.........................
multichannel buffered serial port timing
50
.............
DMAC, timer, power-down timing
61
..................
JTAG test-port timing
62
............................
revision history
63
..................................
thermal/mechanical data
64
.........................
GJC/GJL BGA packages (bottom view)
1
.................
description
2
.........................................
device characteristics
3
................................
functional and CPU (DSP core) block diagram
4
...........
CPU (DSP core) description
5
..........................
signal groups description
7
.............................
signal descriptions
9
...................................
development support
20
...............................
documentation support
23
..............................
clock PLL
24
.........................................
power-down mode logic
25
.............................
power-supply sequencing
27
...........................
absolute maximum ratings over operating case
temperature ranges
28
............................
recommended operating conditions
28
...................
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
29
....
description
The TMS320C62x™ DSPs (including the TMS320C6201) are the fixed-point DSP family in the
TMS320C6000™ DSP platform. The C6201 device is based on the high-performance, advanced VelociTI™
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs an
excellent choice for multichannel and multifunction applications. With performance of up to 1600 MIPS at a
clock rate of 200 MHz, the C6201 offers cost-effective solutions to high-performance DSP programming
challenges. The C6201 DSP possesses the operational flexibility of high-speed controllers and the numerical
capability of array processors. The processor has 32 general-purpose registers of 32-bit word length and eight
highly independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for a high
degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6201 can produce two
multiply-accumulates (MACs) per cycle—for a total of 466 million MACs per second (MMACS). The C62x™
DSP also has application-specific hardware logic, on-chip memory, and additional on-chip peripherals.
The C6201 includes a large bank of on-chip memory and has a powerful and diverse set of peripherals. Program
memory consists of a 64K-byte block that is user-configurable as cache or memory-mapped program space.
Data memory of the C6201 consists of two 32K-byte blocks of RAM for improved concurrency. The peripheral
set includes two multichannel buffered serial ports (McBSPs), two general-purpose timers, a host-port interface
(HPI), and a glueless external memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and
asynchronous peripherals.
The C62x™ DSP has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows™ debugger interface for visibility into source
code execution.
TMS320C6000 and C62x are trademarks of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
The TMS320C6201 device shall be referred to as C6201 throughout the remainder of this document.


Similar Part No. - TMS320C6201GJLA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6201GJL100 TI-TMS320C6201GJL100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6201GJLA200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com