Electronic Components Datasheet Search |
|
TMS320C6203BGNY30C Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TMS320C6203BGNY30C Datasheet(HTML) 9 Page - Texas Instruments |
9 / 109 page TMS320C6203B FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS086N − JANUARY 1999 − REVISED JULY 2006 9 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 functional and CPU (DSP core) block diagram 32 Multichannel Buffered Serial Port 1 32 Direct Memory Access Controller (DMA) (See Table 1) Test C62x CPU (DSP Core) Data Path B B Register File Program Access/Cache Controller Instruction Fetch Instruction Dispatch Instruction Decode Data Path A A Register File PLL (x1, x4, x6, x7, x8, x9, x10, x11)† Data Access Controller Power- Down Logic .L1 .S1 .M1 .D1 .D2 .M2 .S2 .L2 SDRAM or SBSRAM ROM/FLASH SRAM I/O Devices Synchronous FIFOs I/O Devices Timer 0 Timer 1 External Memory Interface (EMIF) Multichannel Buffered Serial Port 0 Multichannel Buffered Serial Port 2 Expansion Bus (XBus) 32-Bit Internal Program Memory: 1 Block Program (256K Bytes) 1 Block Program/Cache (128K Bytes) Control Registers Control Logic Internal Data Memory (512K Bytes) In-Circuit Emulation Interrupt Control Framing Chips: H.100, MVIP, SCSA, T1, E1 AC97 Devices, SPI Devices, Codecs HOST CONNECTION Master /Slave TI PCI2040 Power PC 683xx 960 C6203B Digital Signal Processor Peripheral Control Bus Boot Configuration Interrupt Selector † For additional details on the PLL clock module and specific options for the C6203B device, see Table 1 and the Clock PLL section of this data sheet. |
Similar Part No. - TMS320C6203BGNY30C |
|
Similar Description - TMS320C6203BGNY30C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |