Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C040-15JL Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS27C040-15JL
Description  PROGRAMMABLE READ-ONLY MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C040-15JL Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS27C040-15JL Datasheet HTML 4Page - Texas Instruments TMS27C040-15JL Datasheet HTML 5Page - Texas Instruments TMS27C040-15JL Datasheet HTML 6Page - Texas Instruments TMS27C040-15JL Datasheet HTML 7Page - Texas Instruments TMS27C040-15JL Datasheet HTML 8Page - Texas Instruments TMS27C040-15JL Datasheet HTML 9Page - Texas Instruments TMS27C040-15JL Datasheet HTML 10Page - Texas Instruments TMS27C040-15JL Datasheet HTML 11Page - Texas Instruments TMS27C040-15JL Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TMS27C040 524288 BY 8BIT UV ERASABLE
TMS27PC040 524288 BY 8BIT
PROGRAMMABLE READONLY MEMORY
SMLS040F − NOVEMBER 1990 − REVISED SEPTEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
J (R-CDIP-T**)
CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE
4040084 / B 04/95
B
C
0.018 (0,46) MIN
0.125 (3,18) MIN
0.022 (0,56)
0.012 (0,30)
0.014 (0,36)
0.008 (0,20)
Seating Plane
A
WIDE
24
A
PINS**
DIM
MAX
MIN
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
1.235(31,37) 1.235(31,37)
1.265(32,13) 1.265(32,13)
MIN
MAX
B
C
MAX
MIN
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.668(42,37) 1.668(42,37)
1.632(41,45) 1.632(41,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
32
WIDE
0.514(13,06) 0.571(14,50)
0.541(13,74) 0.598(15,19)
1.465(37,21) 1.465(37,21)
1.435(36,45) 1.435(36,45)
0.590(14,99) 0.590(14,99)
0.624(15,85) 0.624(15,85)
NARR
28
WIDE
WIDE
40
NARR
0.624(15,85) 0.624(15,85)
0.590(14,99) 0.590(14,99)
2.032(51,61) 2.032(51,61)
2.068(52,53) 2.068(52,53)
0.541(13,74) 0.598(15,19)
0.514(13,06) 0.571(14,50)
24 PIN SHOWN
1
12
24
13
0.045 (1,14)
0.065 (1,65)
0.090 (2,29)
0.060 (1,53)
Lens Protrusion
0.010 (0,25) MAX
0.175 (4,45)
0.140 (3,56)
0.100 (2,54)
0
°−10°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only.


Similar Part No. - TMS27C040-15JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS27C040 TI-TMS27C040 Datasheet
193Kb / 15P
[Old version datasheet]   READ-ONLY MEMORIES
More results

Similar Description - TMS27C040-15JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com