Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC040-15FML Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS27PC040-15FML
Description  PROGRAMMABLE READ-ONLY MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27PC040-15FML Datasheet(HTML) 5 Page - Texas Instruments

  TMS27PC040-15FML Datasheet HTML 1Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 2Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 3Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 4Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 5Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 6Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 7Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 8Page - Texas Instruments TMS27PC040-15FML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TMS27C040 524288 BY 8BIT UV ERASABLE
TMS27PC040 524288 BY 8BIT
PROGRAMMABLE READONLY MEMORY
SMLS040F − NOVEMBER 1990 − REVISED SEPTEMBER 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
18
[PWR DWN]
&
EN
A
A
A
A
A
A
A
A
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
E
G
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
3
2
22
24
EPROM 524 288
× 8
13
14
15
17
18
19
20
21
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A
0
524 287
0
A17
A18
31
30
† This symbol is in accordance with ANSI / IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers are for the J package.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP (see Note 1)
−0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1), All inputs except A9
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
A9
−0.6 V to 13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, with respect to VSS (see Note 1)
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range (’27C040-_ _JL and ’27PC040-_ _FML)
0
°C to 70°C
. . . . . . . . . . . . . .
Operating free-air temperature range (’27C040-_ _JE and ’27PC040 _ _ FME)
− 40
°C to 85°C
. . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.


Similar Part No. - TMS27PC040-15FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC040 TI-TMS27PC040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS27PC040 TI-TMS27PC040 Datasheet
193Kb / 15P
[Old version datasheet]   READ-ONLY MEMORIES
More results

Similar Description - TMS27PC040-15FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C040 TI-TMS27C040 Datasheet
164Kb / 12P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com