Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC210A-10FNL Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27PC210A-10FNL
Description  PROGRAMMABLE READ-ONLY MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27PC210A-10FNL Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27PC210A-10FNL Datasheet HTML 3Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 4Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 5Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 6Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 7Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 8Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 9Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 10Page - Texas Instruments TMS27PC210A-10FNL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TMS27C210A 65536 BY 16BIT UV ERASABLE
TMS27PC210A 65536 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS310D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.6 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VPP
−0.6 V to 14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (see Note 1): All inputs except A9
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
A9
−0.6 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (see Note 1)
−0.6 V to VCC + 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range (’27C210A-_ _JL, ’27PC210A-_ _FNL)
0
° C to 70°C
. . . . . . . . . . . . . .
Operating free-air temperature range (’27C210A-_ _JE, ’27PC210A-_ _FNE)
− 40
° C to 85°C
. . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
TMS27C/PC210A-10
TMS27C / PC210A-12
TMS27C / PC210A-15
TMS27C / PC210A-20
TMS27C / PC210A-25
UNIT
MIN
NOM
MAX
VCC
Supply voltage
Read mode (see Note 2)
4.5
5
5.5
V
VCC
Supply voltage
SNAP! Pulse programming algorithm
6.25
6.5
6.75
V
VPP
Supply voltage
Read mode
VCC −0.6
VCC
VCC+0.6
V
VPP
Supply voltage
SNAP! Pulse programming algorithm
12.75
13
13.25
V
VIH
High-level dc input voltage
TTL
2
VCC+0.5
V
VIH
High-level dc input voltage
CMOS
VCC − 0.2
VCC+0.5
V
VIL
Low-level dc input voltage
TTL
− 0.5
0.8
V
VIL
Low-level dc input voltage
CMOS
− 0.5
GND+0.2
V
TA
Operating free-air temperature
’27C210A-_ _JL
’27PC210A-_ _FNL
0
70
°C
TA
Operating free-air temperature
’27C210A-_ _JE,
’27PC210A-_ _FNE
−40
85
°C
NOTE 2: VCC must be applied before or at the same time as VPP and removed after or at the same time as VPP. The device must not be inserted
into or removed from the board when VPP or VCC is applied.


Similar Part No. - TMS27PC210A-10FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC210A TI-TMS27PC210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC210A-10FNL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com