Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C210A-10JL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27C210A-10JL
Description  PROGRAMMABLE READ-ONLY MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27C210A-10JL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27C210A-10JL Datasheet HTML 4Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 5Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 6Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 7Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 8Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 9Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 10Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 11Page - Texas Instruments TMS27C210A-10JL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TMS27C210A 65536 BY 16BIT UV ERASABLE
TMS27PC210A 65536 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS310D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of operating conditions
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH High-level dc output voltage
IOH = − 20 µA
VCC −0.2
V
VOH High-level dc output voltage
IOH = − 2 mA
2.4
V
VOL
Low-level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1 VPP supply current
VPP = VCC = 5.5 V
10
µA
IPP2 VPP supply current (during program pulse)
VPP = 13 V
50
mA
ICC1 VCC supply current (standby)
TTL-input level
VCC = 5.5 V,
E = VIH
500
µA
ICC1 VCC supply current (standby)
CMOS-input level
VCC = 5.5 V,
E = VCC
100
µA
ICC2 VCC supply current (active)
VCC = 5.5 V,
E = VIL,
tcycle = minimum cycle time,
outputs open†
50
mA
† Minimum cycle time = maximum address access time.
capacitance
over
recommended
ranges
of
supply
voltage
and
operating
free-air
temperature, f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
CI
Input capacitance
VI = 0 V,
f = 1 MHz
8
12
pF
CO
Output capacitance
VO = 0 V, f = 1 MHz
12
15
pF
‡ Capacitance measurements are made on a sample basis only.
§ Typical values are at TA = 25°C and nominal voltages.
switching characteristics over full ranges of recommended operating conditions (see Notes 3
and 4)
PARAMETER
TEST
CONDITIONS
’27C210A-10
’27PC210A-10
’27C210A-12
’27PC210A-12
’27C210A-15
’27PC210A-15
’27C210A-20
’27PC210A-20
’27C210A-25
’27PC210A-25
UNIT
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from
address
100
120
150
200
250
ns
ta(E)
Access time from
chip enable
100
120
150
200
250
ns
ten(G)
Output enable
time from G
CL = 100 pF,
1 Series 74
55
55
75
75
100
ns
tdis
Output disable
time from G or E,
whichever occurs
first¶
1 Series 74
TTL load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
50
0
50
0
60
0
60
0
60
ns
tv(A)
Output data valid
time after change
of address, E, or
G, whichever
occurs first¶
0
0
0
0
0
ns
¶ Value calculated from 0.5 V delta to measured level. This parameter is only sampled and not 100% tested.
NOTES:
3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (see Figure 2).
4. Common test conditions apply for tdis except during programming.


Similar Part No. - TMS27C210A-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C210A-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A TI-TMS27C010A Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
SN74S478 TI-SN74S478 Datasheet
362Kb / 5P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com