Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F020-12C5FME Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F020-12C5FME
Description  Latchup Immunity of 250 mA on All Input
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS28F020-12C5FME Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F020-12C5FME Datasheet HTML 1Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 2Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 3Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 4Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 5Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 6Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 7Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 8Page - Texas Instruments TMS28F020-12C5FME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TMS28F020
262144 BY 8 BIT
FLASH MEMORY
SMJS020C − OCTOBER 1994 − REVISED JANUARY 1998
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization . . . 262144 by 8-Bits
D Pin Compatible With Existing 2-Megabit
EPROMs
D VCC Tolerance ±10%
D All Inputs/Outputs TTL Compatible
D Maximum Access/Minimum Cycle Time
’28F020-10
100 ns
’28F020-12
120 ns
’28F020-15
150 ns
’28F020-17
170 ns
D Industry-Standard Programming Algorithm
D 100000 and 10000 Program/Erase-Cycle
Versions Available
D Latchup Immunity of 250 mA on All Input
and Output Lines
D Low Power Dissipation (VCC = 5.5 V)
− Active Write . . . 55 mW
− Active Read . . . 165 mW
− Electrical Erase . . . 82.5 mW
− Standby . . . 0.55 mW
(CMOS-Input Levels)
D Automotive Temperature Range
− 40
°C to 125°C
description
The TMS28F020 flash memory is a 262 144 by
8-bit (2 097 152-bit), programmable read-only
memory that can be electrically bulk-erased and
reprogrammed. It is available in 100 000 and
10 000 program/erase-endurance-cycle versions.
The TMS28F020 is offered in a 32-lead plastic
leaded chip-carrier package using 1,25-mm
(50-mil) lead spacing (FM suffix) and a 32-lead
thin small-outline package (DD suffix).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A0 − A17
Address Inputs
DQ0 − DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
VCC
5-V Power Supply
VPP
12-V Power Supply
VSS
Ground
W
Write Enable
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1998, Texas Instruments Incorporated


Similar Part No. - TMS28F020-12C5FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F020-12 TI-TMS28F020-12 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F020-12C5FME

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCU04A IKSEMICON-IN74HCU04A Datasheet
163Kb / 6P
   High noise immunity characteristic of CMOS
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
IK Semicon Co., Ltd
IN74HCT27A IKSEMICON-IN74HCT27A Datasheet
241Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC00A IKSEMICON-IN74HC00A Datasheet
231Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC04A IKSEMICON-IN74HC04A Datasheet
249Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
logo
Pan Jit International I...
PJESD6V2LC-4-AU PANJIT-PJESD6V2LC-4-AU Datasheet
148Kb / 6P
   Based on the electrostatic discharge immunity test
logo
IK Semicon Co., Ltd
IN74HC11A IKSEMICON-IN74HC11A Datasheet
185Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC02A IKSEMICON-IN74HC02A Datasheet
245Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
IN74HC05A IKSEMICON-IN74HC05A Datasheet
286Kb / 6P
   High Noise Immunity Characteristic of CMOS Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com