Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS29F010-70C5FML Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS29F010-70C5FML
Description  Compatible With JEDEC Byte-Wide Pinouts
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F010-70C5FML Datasheet(HTML) 1 Page - Texas Instruments

  TMS29F010-70C5FML Datasheet HTML 1Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 2Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 3Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 4Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 5Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 6Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 7Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 8Page - Texas Instruments TMS29F010-70C5FML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TMS29F010
131072 BY 8BIT
FLASH MEMORY
SMJS840A − NOVEMBER 1997 − REVISED JUNE 1998
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Single Power Supply
5 V
± 10%
D Organization . . . 131072 by 8 Bits
D Eight Equal Sectors of 16K Bytes
− Any Combination of Sectors Can Be
Erased
− Any Combination of Sectors Can Be
Marked as Read-Only
D Compatible With JEDEC EEPROM
Command Set
D Fully Automated On-Chip Erase and
Byte-Program Operations
D 100000 Program/Erase Cycles
D Compatible With JEDEC Byte-Wide Pinouts
D Low-Current Consumption
− Active Read . . . 20 mA Typical
− Active Program / Erase . . . 30 mA Typical
D All Inputs/Outputs TTL-Compatible
description
The
TMS29F010
is
a
131 072
by
8-bit
(1048 576-bit), 5-V single-supply, programmable
read-only memory device that can be electrically
erased and reprogrammed. This device is
organized as eight independent 16K-byte sectors
and is offered with access times between 70 ns
and 120 ns.
An on-chip state machine controls the program and erase operations. The embedded byte-program and
sector / chip-erase functions are fully automatic. The command set is compatible with that of JEDEC 1M-bit
EEPROMs. Data-protection of any sector combination is accomplished using a hardware sector-protection
feature.
Device operations are selected by writing JEDEC-standard commands into the command register using
standard microprocessor write timings. The command register acts as an input to an internal-state machine that
interprets the commands, controls the erase and programming operations, outputs the status of the device,
outputs data stored in the device, and outputs the device algorithm-selection code. On initial power-up
operation, the device defaults to the read mode.
The TMS29F010 is offered in a 32-pin plastic leaded chip carrier (FM suffix) using 1.27-mm (50-mil) lead pitch.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A[0:16]
Address Inputs
DQ[0:7]
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
VCC
5-V Power Supply
V
SS
Ground
W
Write Enable
NC
No Connection
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS29F010-70C5FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F010-70CSFME TI-TMS29F010-70CSFME Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010-70CSFML TI-TMS29F010-70CSFML Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS29F010-70CSFMQ TI-TMS29F010-70CSFMQ Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F010-70C5FML

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
Xilinx, Inc
XCR22V10 XILINX-XCR22V10 Datasheet
208Kb / 14P
   Function/JEDEC map compatible with Bipolar
logo
List of Unclassifed Man...
SK9850 ETC1-SK9850 Datasheet
164Kb / 1P
   INTEGRATED CIRCUIT PINOUTS
logo
Intersil Corporation
CDP1852 INTERSIL-CDP1852 Datasheet
153Kb / 9P
   Byte-Wide Input/Output Port
March 1997
logo
Actel Corporation
A1020B-PLG84C ACTEL-A1020B-PLG84C Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
API Technologies Corp
HS2700LCC APITECH-HS2700LCC Datasheet
71Kb / 2P
   Carrier Precision Voltage References JEDEC- Compatible
logo
List of Unclassifed Man...
SK7460 ETC-SK7460 Datasheet
281Kb / 1P
   INTEGRATED CIRCUIT PINOUTS
logo
Maxim Integrated Produc...
MAX4889B MAXIM-MAX4889B Datasheet
209Kb / 12P
   Industry-Standard Pinouts
Rev 2; 8/10
logo
Fairchild Semiconductor
MKT-N16E FAIRCHILD-MKT-N16E Datasheet
129Kb / 1P
   16LD MDIP JEDEC MS-001 300 WIDE
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
   Compatible, Wide Bandwidth
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com