Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA684IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA684IDR
Description  Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA684IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA684IDR Datasheet HTML 2Page - Texas Instruments OPA684IDR Datasheet HTML 3Page - Texas Instruments OPA684IDR Datasheet HTML 4Page - Texas Instruments OPA684IDR Datasheet HTML 5Page - Texas Instruments OPA684IDR Datasheet HTML 6Page - Texas Instruments OPA684IDR Datasheet HTML 7Page - Texas Instruments OPA684IDR Datasheet HTML 8Page - Texas Instruments OPA684IDR Datasheet HTML 9Page - Texas Instruments OPA684IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA684
6
SBOS219A
www.ti.com
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Load Resistance (
Ω)
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
G = +2
See Figure 1
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
Frequency (MHz)
0.1
20
110
HARMONIC DISTORTION vs FREQUENCY
V
O = 2Vp-p
R
L = 100Ω
See Figure 1
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
0.5
1
5
Output Voltage (Vp-p)
–50
–60
–70
–80
–90
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
±2.5
±3
±3.5
±4
±4.5
±5
±5.5
±6
Supply Voltage (
±V)
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
See Figure 1
110
20
–50
–55
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
110
20
Inverting Gain (V/V)
–50
–55
–60
–65
–70
–75
–80
–85
–90
3rd-Harmonic
2nd-Harmonic
V
O = 2Vp-p
f = 5MHz
R
L = 100Ω
See Figure 2
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 1kΩ, RL = 100Ω, unless otherwise noted.


Similar Part No. - OPA684IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684IDR TI1-OPA684IDR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
OPA684IDRG4 TI1-OPA684IDRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA684IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
248Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
February 1999
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com