Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS29F040-12C5DDE Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS29F040-12C5DDE
Description  Erase-Suspend/Erase-Resume Operation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS29F040-12C5DDE Datasheet(HTML) 1 Page - Texas Instruments

  TMS29F040-12C5DDE Datasheet HTML 1Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 2Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 3Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 4Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 5Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 6Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 7Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 8Page - Texas Instruments TMS29F040-12C5DDE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TMS29F040
524288 BY 8BIT
FLASH MEMORY
SMJS820C − APRIL 1996 − REVISED JUNE 1998
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Single Power Supply: 5 V ± 10%
− 3.3 V
± 0.3 V − See TMS29LF040/
TMS29VF040 Data Sheet (Literature
Number SMJS825)
− 2.7 V to 3.6 V − See TMS29LF040 /
TMS29VF040 Data Sheet
D Organization . . . 524288 By 8 Bits
D Eight Equal Sectors of 64K Bytes
− Any Combination of Sectors Can Be
Erased
− Any Combination of Sectors Can Be
Marked as Read-Only
D Compatible With JEDEC Electrically
Erasable Programmable Read-Only
Memory (EEPROM) Command Set
D Fully Automated On-Chip Erase and
Byte-Program Operations
D 100000 Program/Erase Cycles
D Erase-Suspend/Erase-Resume Operation
D Compatible With JEDEC Byte-Wide Pinouts
D Low-Current Consumption
− Active Read . . . 20 mA Typical
− Active Program / Erase . . . 30 mA Typical
D All Inputs/Outputs TTL-Compatible
description
The TMS29F040 is a 524288 by 8-bit (4194304-bit), 5-V single-supply, programmable read-only memory that
can be electrically erased and reprogrammed. This device is organized as eight independent 64K-byte sectors
and is offered with access times between 60 ns and 120 ns.
An on-chip state machine controls the program and erase operations. The embedded byte-program and
sector / chip-erase functions are fully automatic. The command set is compatible with that of JEDEC 4M-bit
EEPROMs. A suspend / resume feature allows access to unaltered memory sectors during a sector-erase
operation. Data-protection of any sector combination is accomplished using a hardware sector-protection
feature.
Device operations are selected by writing JEDEC-standard commands into the command register using
standard microprocessor write timings. The command register acts as input to an internal-state machine that
interprets the commands, controls the erase and programming operations, and outputs the status of the device,
the data stored in the device, and the device algorithm-selection code. On initial power-up operation, the device
defaults to the read mode.
The TMS29F040 is offered in a 32-pin plastic leaded chip carrier (FM suffix) using 1.27-mm (50-mil) lead pitch
and a 32-pin thin small-outline package (DD suffix).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
A[0:18]
Address Inputs
DQ[0:7]
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
VCC
5-V Power Supply
V
SS
Ground
W
Write Enable
PIN NOMENCLATURE
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1998, Texas Instruments Incorporated


Similar Part No. - TMS29F040-12C5DDE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS29F040-12C5DDE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3370K PANASONIC-AN3370K Datasheet
42Kb / 4P
   Flying-Erase IC
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
Micross Components
AS8F128K32 MICROSS-AS8F128K32 Datasheet
560Kb / 22P
   Supports Full Chip Erase
logo
Megawin Technology Co.,...
MG64F225 MEGAWIN-MG64F225 Datasheet
1Mb / 68P
   Flash write/erase cycle
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
logo
Winbond
W19B160BTT7H WINBOND-W19B160BTT7H Datasheet
542Kb / 47P
   2.7~3.6-volt write (program and erase) operations, Fast write operation
logo
ATMEL Corporation
AT45DB021A ATMEL-AT45DB021A_14 Datasheet
421Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com