Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6671ACYP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6671ACYP
Description  Fixed and Floating-Point Digital Signal Processor
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6671ACYP Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6671ACYP Datasheet HTML 1Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 2Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 3Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 4Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 5Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 6Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 7Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 8Page - Texas Instruments TMS320C6671ACYP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 238 page
background image
Fixed and Floating-Point Digital Signal Processor
Copyright 2014 Texas Instruments Incorporated
TMS320C6671 Features and Description
3
SPRS756E—March 2014
TMS320C6671
Submit Documentation Feedback
TI's KeyStone architecture provides a programmable platform integrating various subsystems (C66x cores, memory
subsystem, peripherals, and accelerators) and uses several innovative components and techniques to maximize
intra-device and inter-device communication that allows the various DSP resources to operate efficiently and
seamlessly. Central to this architecture are key components such as Multicore Navigator that allows for efficient data
management between the various device components. The TeraNet is a non-blocking switch fabric enabling fast and
contention-free internal data movement. The multicore shared memory controller allows access to shared and
external memory directly without drawing from switch fabric capacity.
For fixed-point use, the C66x core has 4× the multiply accumulate (MAC) capability of C64x+ cores. In addition,
the C66x core integrates floating point capability and the per-core raw computational performance in an
industry-leading 40 GMACS/core and 20 GFLOPS/core (@1.25 GHz operating frequency). It can execute 8
single-precision floating point MAC operations per cycle and can perform double- and mixed-precision operations,
and is IEEE754 compliant. The C66x core incorporates 90 new instructions (compared to the C64x+ core) targeted
for floating point and vector math oriented processing. These enhancements yield sizeable performance
improvements in popular DSP kernels used in signal processing, mathematical, and image acquisition functions.
The C66x core is backwards code-compatible with TI's previous generation C6000 fixed and floating point DSP
cores, ensuring software portability and shortened software development cycles for applications migrating to faster
hardware.
The C6671 DSP integrates a large amount of on-chip memory. In addition to 32KB of L1 program and data cache,
there is 512KB of dedicated memory that can be configured as mapped RAM or cache. The device also integrates
4096KB of Multicore Shared Memory that can be used as a shared L2 SRAM and/or shared L3 SRAM. All L2
memories incorporate error detection and error correction. For fast access to external memory, this device includes
a 64-bit DDR-3 external memory interface (EMIF) running at 1600 MHz and has ECC DRAM support.
This family supports a plethora of high speed standard interfaces including RapidIO ver 2, PCI Express Gen2, and
Gigabit Ethernet, as well as an integrated Ethernet switch. It also includes I
2C, UART, Telecom Serial Interface Port
(TSIP), and a 16-bit EMIF, along with general purpose CMOS IO. For high throughput, low latency communication
between devices or with an FPGA, this device also sports a 50-Gbaud full-duplex interface called HyperLink. Adding
to the network awareness of this device is a network co-processor that includes both packet and optional security
acceleration. The packet accelerator can process up to 1.5 M packets/s and enables a single IP address to be used for
the entire C6671 device. It also provides L2 to L4 classification, along with checksum and QoS capabilities.
The C6671 device has a complete set of development tools, which includes: an enhanced C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows® debugger interface for visibility into source
code execution.


Similar Part No. - TMS320C6671ACYP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6671ACYP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655_15 Datasheet
1Mb / 245P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com