Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6712 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C6712
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6712 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6712_08 Datasheet HTML 1Page - Texas Instruments TMS320C6712_08 Datasheet HTML 2Page - Texas Instruments TMS320C6712_08 Datasheet HTML 3Page - Texas Instruments TMS320C6712_08 Datasheet HTML 4Page - Texas Instruments TMS320C6712_08 Datasheet HTML 5Page - Texas Instruments TMS320C6712_08 Datasheet HTML 6Page - Texas Instruments TMS320C6712_08 Datasheet HTML 7Page - Texas Instruments TMS320C6712_08 Datasheet HTML 8Page - Texas Instruments TMS320C6712_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
TMS320C6712, TMS320C6712C
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SPRS148M − AUGUST 2000 − REVISED NOVEMBER 2005
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Low-Price/High-Performance Floating-Point
Digital Signal Processors (DSPs):
TMS320C67x
 (TMS320C6712 and C6712C)
− Eight 32-Bit Instructions/Cycle
− 100-, 150-MHz Clock Rates
− 10-, 6.7-ns Instruction Cycle Times
− 600, 900 MFLOPS
D Advanced Very Long Instruction Word
(VLIW) C67x
 DSP Core
− Eight Highly Independent Functional
Units:
− Four ALUs (Floating- and Fixed-Point)
− Two ALUs (Fixed-Point)
− Two Multipliers (Floating- and
Fixed-Point)
− Load-Store Architecture With 32 32-Bit
General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Hardware Support for IEEE
Single-Precision and Double-Precision
Instructions
− Byte-Addressable (8-, 16-, 32-Bit Data)
− 8-Bit Overflow Protection
− Saturation
− Bit-Field Extract, Set, Clear
− Bit-Counting
− Normalization
D L1/L2 Memory Architecture
− 32K-Bit (4K-Byte) L1P Program Cache
(Direct Mapped)
− 32K-Bit (4K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 512K-Bit (64K-Byte) L2 Unified Mapped
RAM/Cache
(Flexible Data/Program Allocation)
D Device Configuration
− Boot Mode: 8- and 16-Bit ROM Boot
− Endianness: Little Endian (12/12C)
D Enhanced Direct-Memory-Access (EDMA)
Controller (16 Independent Channels)
D 16-Bit External Memory Interface (EMIF)
− Glueless Interface to Asynchronous
Memories: SRAM and EPROM
− Glueless Interface to Synchronous
Memories: SDRAM and SBSRAM
− 256M-Byte Total Addressable External
Memory Space
D Two Multichannel Buffered Serial Ports
(McBSPs)
− Direct Interface to T1/E1, MVIP, SCSA
Framers
− ST-Bus-Switching Compatible
− Up to 256 Channels Each
− AC97-Compatible
− Serial-Peripheral-Interface (SPI)
Compatible (Motorola
)
D Two 32-Bit General-Purpose Timers
D Flexible Phase-Locked-Loop (PLL) Clock
Generator [C6712]
D Flexible Software-Configurable PLL-Based
Clock Generator Module [C6712C]
D A Dedicated General-Purpose Input/Output
(GPIO) Module With 5 Pins [12C]
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 256-Pin Ball Grid Array (BGA) Package
(GFN Suffix) [C6712 Only]
D 272-Pin Ball Grid Array (BGA) Package
(GDP Suffix) [C6712C Only]
D CMOS Technology
− 0.13-
µm/6-Level Copper Metal Process
(C6712C)
− 0.18-
µm/5-Level Metal Process (C6712)
D 3.3-V I/Os, 1.20-V Internal (C6712C)
D 3.3-V I/Os, 1.8-V Internal (C6712)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
TMS320C67x and C67x are trademarks of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
Other trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
‡ These values are compatible with existing 1.26V designs.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS320C6712_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712C TI-TMS320C6712C Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI-TMS320C6712D Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI1-TMS320C6712D Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6712DGDP150 TI1-TMS320C6712DGDP150 Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6712DZDP150 TI1-TMS320C6712DZDP150 Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6712_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com