Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6678AGYPA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6678AGYPA
Description  Multicore Fixed and Floating-Point Digital Signal Processor
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6678AGYPA Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6678AGYPA Datasheet HTML 1Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 2Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 3Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 4Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 5Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 6Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 7Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 8Page - Texas Instruments TMS320C6678AGYPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 247 page
background image
4
TMS320C6678 Features and Description
Copyright 2014 Texas Instruments Incorporated
SPRS691E—March 2014
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678
Submit Documentation Feedback
1.5 Functional Block Diagram
Figure 1-1 shows the functional block diagram of the TMS320C6678 device.
Figure 1-1
Functional Block Diagram
8 Cores @ up to 1.4 GHz
Power
Management
Debug & Trace
Boot ROM
Semaphore
Packet
DMA
Multicore Navigator
Queue
Manager
´3
PLL
EDMA
´3
4MB
MSM
SRAM
64-Bit
DDR3 EMIF
Memory Subsystem
MSMC
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
C66x™
CorePac
32KB L1
P-Cache
32KB L1
D-Cache
512KB L2 Cache
TeraNet
HyperLink
TeraNet
Network Coprocessor
Packet
Accelerator
Security
Accelerator
6678


Similar Part No. - TMS320C6678AGYPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6678ACYP TI1-TMS320C6678ACYP Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678ACYP25 TI1-TMS320C6678ACYP25 Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678ACYPA TI1-TMS320C6678ACYPA Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678ACYPA25 TI1-TMS320C6678ACYPA25 Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678AXCYP TI1-TMS320C6678AXCYP Datasheet
2Mb / 242P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6678AGYPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI-TMS320C6672_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com