Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6712 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C6712
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6712 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6712 Datasheet HTML 1Page - Texas Instruments TMS320C6712 Datasheet HTML 2Page - Texas Instruments TMS320C6712 Datasheet HTML 3Page - Texas Instruments TMS320C6712 Datasheet HTML 4Page - Texas Instruments TMS320C6712 Datasheet HTML 5Page - Texas Instruments TMS320C6712 Datasheet HTML 6Page - Texas Instruments TMS320C6712 Datasheet HTML 7Page - Texas Instruments TMS320C6712 Datasheet HTML 8Page - Texas Instruments TMS320C6712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
TMS320C6712, TMS320C6712C
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SPRS148M − AUGUST 2000 − REVISED NOVEMBER 2005
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table of Contents
IEEE 1149.1 JTAG compatibility statement
62
. . . . . . . . . .
EMIF device speed
63
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
bootmode
64
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset
64
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
absolute maximum ratings over operating case
temperature range
65
. . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
65
. . . . . . . . . . . . . . . .
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
66
.
parameter measurement information
67
. . . . . . . . . . . . . . .
signal transition levels
68
. . . . . . . . . . . . . . . . . . . . . . . . . .
timing parameters and board routing analysis
70
. . . . . .
input and output clocks
72
. . . . . . . . . . . . . . . . . . . . . . . . . . .
asynchronous memory timing
77
. . . . . . . . . . . . . . . . . . . . .
synchronous-burst memory timing
80
. . . . . . . . . . . . . . . . .
synchronous DRAM timing
82
. . . . . . . . . . . . . . . . . . . . . . . .
HOLD/HOLDA timing
88
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
BUSREQ timing
89
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing [C6712]
90
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing [C6712C]
92
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
external interrupt timing
94
. . . . . . . . . . . . . . . . . . . . . . . . . .
multichannel buffered serial port timing
95
. . . . . . . . . . . . .
timer timing
109
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO) port timing
[C6712C only]
110
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
JTAG test-port timing
111
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
mechanical data [C6712/12C]
112
. . . . . . . . . . . . . . . . . . . .
revision history
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GFN BGA package (bottom view) [C6712 only]
5
. . . . . . . . . .
GDP BGA package (bottom view) [C6712C only]
5
. . . . . . . .
description
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device characteristics
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device compatibility
8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block and CPU (DSP core) diagram
9
. . . . . . . . . . .
CPU (DSP core) description
10
. . . . . . . . . . . . . . . . . . . . . . . . .
memory map summary
12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral register descriptions
13
. . . . . . . . . . . . . . . . . . . . . . .
signal groups description
18
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
device configurations
20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
23
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
development support
36
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device support
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CPU CSR register description
40
. . . . . . . . . . . . . . . . . . . . . . . .
interrupt sources and interrupt selector [C6712 only]
42
. . . .
interrupt sources and interrupt selector [12C only]
43
. . . . . . .
EDMA channel synchronization events [C6712 only]
44
. . . .
EDMA module and EDMA selector [12C only]
45
. . . . . . . . . .
clock PLL [C6712 only]
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PLL and PLL controller [C6712C only]
49
. . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO)
56
. . . . . . . . . . . . . . . . . .
power-down mode logic
57
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply sequencing
59
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply decoupling
61
. . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TMS320C6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI-TMS320C6712 Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712C TI-TMS320C6712C Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI-TMS320C6712D Datasheet
1Mb / 110P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712D TI1-TMS320C6712D Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6712DGDP150 TI1-TMS320C6712DGDP150 Datasheet
1Mb / 103P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com