Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC128S102QML-SP Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC128S102QML-SP
Description  Radiation Hardened 8-Channel CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102QML-SP Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC128S102QML-SP_16 Datasheet HTML 7Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 8Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 9Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 10Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 11Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 12Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 13Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 14Page - Texas Instruments ADC128S102QML-SP_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
ADC128S102QML-SP
www.ti.com
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
TA = 25°C, fSAMPLE = 1 MSPS, fSCLK = 16 MHz, fIN = 40.2 kHz unless otherwise stated.
Figure 4. DNL
Figure 5. DNL
Figure 6. INL
Figure 7. INL
Figure 8. DNL vs Supply
Figure 9. INL vs Supply


Similar Part No. - ADC128S102QML-SP_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S102QML-SP_16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
   Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
   Radiation Hardened 8-Channel Source Driver
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com