Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX207IDWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX207IDWR
Description  5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX207IDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX207IDWR Datasheet HTML 4Page - Texas Instruments MAX207IDWR Datasheet HTML 5Page - Texas Instruments MAX207IDWR Datasheet HTML 6Page - Texas Instruments MAX207IDWR Datasheet HTML 7Page - Texas Instruments MAX207IDWR Datasheet HTML 8Page - Texas Instruments MAX207IDWR Datasheet HTML 9Page - Texas Instruments MAX207IDWR Datasheet HTML 10Page - Texas Instruments MAX207IDWR Datasheet HTML 11Page - Texas Instruments MAX207IDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MAX207
5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS592B − OCTOBER 2003 − REVISED JANUARY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
capacitor selection
The capacitor type used for C1−C4 is not critical for proper operation. The MAX207 requires 0.1-
µF capacitors,
although capacitors up to 10
µF can be used without harm. Ceramic dielectrics are suggested for the 0.1-µF
capacitors. When using the minimum recommended capacitor values, make sure the capacitance value does
not degrade excessively as the operating temperature varies. If in doubt, use capacitors with a larger (e.g., 2
×)
nominal value. The capacitors’ effective series resistance (ESR), which usually rises at low temperatures,
influences the amount of ripple on V+ and V−.
Use larger capacitors (up to 10
µF) to reduce the output impedance at V+ and V−.
Bypass VCC to ground with at least 0.1 µF. In applications sensitive to power-supply noise generated by the
charge pumps, decouple VCC to ground with a capacitor the same size as (or larger than) the charge-pump
capacitors (C1−C4).
ESD protection
TI MAX207 devices have standard ESD protection structures incorporated on the pins to protect against
electrostatic discharges encountered during assembly and handling. In addition, the RS232 bus pins (driver
outputs and receiver inputs) of these devices have an extra level of ESD protection. Advanced ESD structures
were designed to successfully protect these bus pins against ESD discharge of
±15-kV when powered down.
ESD test conditions
ESD testing is stringently performed by TI, based on various conditions and procedures. Please contact TI for
a reliability report that documents test setup, methodology, and results.
Human-Body Model
The Human-Body Model (HBM) of ESD testing is shown in Figure 5, while Figure 6 shows the current waveform
that is generated during a discharge into a low impedance. The model consists of a 100-pF capacitor, charged
to the ESD voltage of concern, and subsequently discharged into the device under test (DUT) through a 1.5-k
resistor.
+
DUT
RD
1.5 k
VHBM
CS
100 pF
Figure 5. HBM ESD Test Circuit


Similar Part No. - MAX207IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX207IDWR TI-MAX207IDWR Datasheet
260Kb / 13P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDWR TI-MAX207IDWR Datasheet
246Kb / 14P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX207IDWRE4 TI-MAX207IDWRE4 Datasheet
246Kb / 14P
[Old version datasheet]   5-V MUL TICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX207IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com