Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX208IDBE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX208IDBE4
Description  MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX208IDBE4 Datasheet(HTML) 1 Page - Texas Instruments

  MAX208IDBE4 Datasheet HTML 1Page - Texas Instruments MAX208IDBE4 Datasheet HTML 2Page - Texas Instruments MAX208IDBE4 Datasheet HTML 3Page - Texas Instruments MAX208IDBE4 Datasheet HTML 4Page - Texas Instruments MAX208IDBE4 Datasheet HTML 5Page - Texas Instruments MAX208IDBE4 Datasheet HTML 6Page - Texas Instruments MAX208IDBE4 Datasheet HTML 7Page - Texas Instruments MAX208IDBE4 Datasheet HTML 8Page - Texas Instruments MAX208IDBE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
APPLICATIONS
DB OR DW PACKAGE
(TOP VIEW)
DOUT2
DOUT1
RIN2
ROUT2
DIN1
ROUT1
RIN1
GND
VCC
C1+
V+
C1–
DOUT3
RIN3
ROUT3
DIN4
DOUT4
DIN3
DIN2
ROUT4
RIN4
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DESCRIPTION
MAX208
www.ti.com ................................................................................................................................................ SLLS596C – OCTOBER 2003 – REVISED AUGUST 2009
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH ±15-kV ESD PROTECTION
• ESD Protection for RS-232 I/O Pins
±15-kV Human-Body Model (HBM)
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates at 5-V V
CC Supply
• Four Drivers and Four Receivers
• Operates up to 120 kbit/s
• External Capacitors: 4 × 0.1 µF
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Battery-Powered Systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
The MAX208 device consists of four line drivers, four line receivers, and a dual charge-pump circuit with ±15-kV
HBM ESD protection pin to pin (serial-port connection pins, including GND). The device meets the requirements
of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and
the serial-port connector. The charge pump and four small external capacitors allow operation from a single 5-V
supply. The devices operate at data signaling rates up to 120 kbit/s and a maximum of 30-V/
µs driver output
slew rate.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
MAX208CDW
SOIC – DW
MAX208C
Reel of 2000
MAX208CDWR
0°C to 70°C
Tube of 60
MAX208CDB
SSOP – DB
MA208C
Reel of 2000
MAX208CDBR
Tube of 25
MAX208IDW
SOIC – DW
MAX208I
Reel of 2000
MAX208IDWR
–40°C to 85°C
Tube of 60
MAX208IDB
SSOP – DB
MB208I
Reel of 2000
MAX208IDBR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX208IDBE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX208IDBE4 TI-MAX208IDBE4 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
More results

Similar Description - MAX208IDBE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com