Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3238I Datasheet(PDF) 5 Page - Texas Instruments

Part # MAX3238I
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3238I Datasheet(HTML) 5 Page - Texas Instruments

  MAX3238I Datasheet HTML 1Page - Texas Instruments MAX3238I Datasheet HTML 2Page - Texas Instruments MAX3238I Datasheet HTML 3Page - Texas Instruments MAX3238I Datasheet HTML 4Page - Texas Instruments MAX3238I Datasheet HTML 5Page - Texas Instruments MAX3238I Datasheet HTML 6Page - Texas Instruments MAX3238I Datasheet HTML 7Page - Texas Instruments MAX3238I Datasheet HTML 8Page - Texas Instruments MAX3238I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MAX3238
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD (HBM) PROTECTION
SLLS349J − JUNE 1999 − REVISED MARCH 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
All DOUT at RL = 3 kΩ to GND
5
5.4
V
VOL
Low-level output voltage
All DOUT at RL = 3 kΩ to GND
−5
−5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
IOS
Short-circuit output current‡
VCC = 3.6 V,
VO = 0 V
±35
±60
mA
IOS
Short-circuit output current‡
VCC = 5.5 V,
VO = 0 V
±40
±100
mA
ro
Output resistance
VCC, V+, and V− = 0 V,
VO = ±2 V
300
10M
Ioff
Output leakage current
FORCEOFF = GND
VO = ±12 V,
VCC = 3 V to 3.6 V
±25
µA
Ioff
Output leakage current
FORCEOFF = GND
VO = ±10 V,
VCC = 4.5 V to 5.5 V
±25
µA
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
‡ Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation ratings, and not more than one output
should be shorted at a time.
NOTE 4: Testing supply conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.15 V; C1−C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2−C4 = 0.33
µF at VCC = 5 V ± 0.5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Maximum data rate
CL = 1000 pF,
One DOUT switching,
RL = 3 kΩ,
See Figure 1
150
250
kbit/s
tsk(p)
Pulse skew§
CL = 150 pF to 2500 pF
RL = 3 kΩ to 7 kΩ,
See Figure 2
100
ns
SR(tr)
Slew rate, transition region
VCC = 3.3 V,
CL = 150 pF to 1000 pF
6
30
V/
µs
SR(tr)
Slew rate, transition region
(see Figure 1)
VCC = 3.3 V,
RL = 3 kΩ to 7 kΩ
CL = 150 pF to 2500 pF
4
30
V/
µs
† All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
§ Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
NOTE 4: Testing supply conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.15 V; C1−C4 = 0.22 µF at VCC = 3.3 V ± 0.3 V; and C1 = 0.047 µF
and C2−C4 = 0.33
µF at VCC = 5 V ± 0.5 V.


Similar Part No. - MAX3238I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238ICDWR TI-MAX3238ICDWR Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238ICDWR TI1-MAX3238ICDWR Datasheet
899Kb / 22P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX3238IDB TI-MAX3238IDB Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238IDBE4 TI-MAX3238IDBE4 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238IDBG4Q1 TI1-MAX3238IDBG4Q1 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results

Similar Description - MAX3238I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com