Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3238ICDWR Datasheet(PDF) 8 Page - Texas Instruments

Part # MAX3238ICDWR
Description  LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3238ICDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3238ICDWR Datasheet HTML 4Page - Texas Instruments MAX3238ICDWR Datasheet HTML 5Page - Texas Instruments MAX3238ICDWR Datasheet HTML 6Page - Texas Instruments MAX3238ICDWR Datasheet HTML 7Page - Texas Instruments MAX3238ICDWR Datasheet HTML 8Page - Texas Instruments MAX3238ICDWR Datasheet HTML 9Page - Texas Instruments MAX3238ICDWR Datasheet HTML 10Page - Texas Instruments MAX3238ICDWR Datasheet HTML 11Page - Texas Instruments MAX3238ICDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
AUTO-POWERDOWN PLUS SECTION
Switching Characteristics
MAX3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS710A – FEBRUARY 2006 – REVISED APRIL 2006
xxx
Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold
VT+(valid)
FORCEON = GND, FORCEOFF = VCC
2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT–(valid)
FORCEON = GND, FORCEOFF = VCC
–2.7
V
for INVALID high-level output voltage
Receiver input threshold
VT(invalid)
FORCEON = GND, FORCEOFF = VCC
–0.3
0.3
V
for INVALID low-level output voltage
IOH = –1 mA, FORCEON = GND,
VOH
INVALID high-level output voltage
VCC – 0.6
V
FORCEOFF = VCC
IOL = 1.6 mA, FORCEON = GND,
VOL
INVALID low-level output voltage
0.4
V
FORCEOFF = VCC
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
MIN
TYP(1)
MAX
UNIT
tvalid
Propagation delay time, low- to high-level output
0.1
µs
tinvalid
Propagation delay time, high- to low-level output
50
µs
ten
Supply enable time
25
µs
tdis
Receiver or driver edge to auto-powerdown plus
15
30
60
s
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
8
Submit Documentation Feedback


Similar Part No. - MAX3238ICDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238ICDWR TI-MAX3238ICDWR Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - MAX3238ICDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com