Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223CDWG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3223CDWG4
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223CDWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MAX3223CDWG4 Datasheet HTML 5Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 6Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 7Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 8Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 9Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 10Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 11Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 12Page - Texas Instruments MAX3223CDWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MAX3223
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS409K − JANUARY 2000 − REVISED MARCH 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
3 V
2.7 V
−2.7 V
INVALID
Output
Receiver
Input
tinvalid
Generator
(see Note B)
FORCEOFF
tvalid
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
0 V
0 V
−3 V
DIN
CL = 30 pF
(see Note A)
VCC
0 V
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
for More Than 30
µs, INVALID Is Low†
Valid RS-232 Level, INVALID High
≈V+
0 V
≈V−
V+
VCC
ten
V−
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 5 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
50% VCC
50% VCC
2.7 V
−2.7 V
0.3 V
0.3 V
Supply
Voltages
† Auto-powerdown disables drivers and reduces supply
current to 1
µA.
Figure 5. INVALID Propagation Delay Times and Supply Enabling Time


Similar Part No. - MAX3223CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223CDW TI-MAX3223CDW Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3223CDWE4 TI-MAX3223CDWE4 Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3223CDWR TI-MAX3223CDWR Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
More results

Similar Description - MAX3223CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com