Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3238EIDBG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # MAX3238EIDBG4
Description  LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3238EIDBG4 Datasheet(HTML) 1 Page - Texas Instruments

  MAX3238EIDBG4 Datasheet HTML 1Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 2Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 3Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 4Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 5Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 6Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 7Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 8Page - Texas Instruments MAX3238EIDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
NC
C1–
DIN1
DIN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C2 +
GND
C2−
V−
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
DOUT5
FORCEON
FORCEOFF
C1+
V+
VCC
C1−
DIN1
DIN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
DIN5
ROUT1B
INVALID
DB, DW, OR PW PACKAGE
(TOP VIEW)
RHB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
31
32
30 29 28 27 26 25
10
9
11 12 13 14 15 16
DESCRIPTION/ORDERING INFORMATION
MAX3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS710A – FEBRUARY 2006 – REVISED APRIL 2006
RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
Operates With 3-V to 5.5-V VCC Supply
Operates up to 400 kbit/s
Five Drivers and Three Receivers
Auto-Powerdown Plus Feature Enables
Flexible Power-Down Mode
Low Standby Current . . . 1
µA Typical
External Capacitors . . . 4
× 0.1 µF
Accepts 5-V Logic Input With 3.3-V Supply
Always-Active Noninverting Receiver Output
(ROUT1B)
Alternative High-Speed Pin-Compatible
Device (1 Mbit/s) for SNx5C3238
ESD Protection for RS-232 Interface Pins
±15 kV – Human-Body Model (HBM)
±8 kV – IEC61000-4-2, Contact Discharge
±15 kV – IEC61000-4-2, Air-Gap Discharge
Battery-Powered Systems
PDAs
Notebooks
Subnotebooks
Laptops
Palmtop PCs
Hand-Held Equipment
Modems
Printers
The MAX3238E consists of five line drivers, three line receivers, and a dual charge-pump circuit with
±15-kV
ESD (HBM) protection on the driver output (DOUT) and receiver input (RIN) terminals. The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between notebook and subnotebook
computer applications. The charge pump and four small external capacitors allow operation from a single 3-V to
5.5-V supply. In addition, the device includes an always-active noninverting output (ROUT1B), which allows
applications using the ring indicator to transmit data while the device is powered down. This device operates at
data signaling rates up to 250 kbit/s and a maximum of 30-V/
µs driver output slew rate.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3238EIDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238EIDB TI-MAX3238EIDB Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238EIDBR TI-MAX3238EIDBR Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - MAX3238EIDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP_16 Datasheet
793Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1 Datasheet
252Kb / 15P
[Old version datasheet]   3-V TO 5.5V MULTICHANNEL RS-232 LINE DRIVER RECEIVER WITH 15-kV ESD(HBM) PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com