Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33063AP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063AP
Description  1.5-A Peak Boost/Buck/Inverting Switching Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MC33063AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button MC33063AP Datasheet HTML 3Page - Texas Instruments MC33063AP Datasheet HTML 4Page - Texas Instruments MC33063AP Datasheet HTML 5Page - Texas Instruments MC33063AP Datasheet HTML 6Page - Texas Instruments MC33063AP Datasheet HTML 7Page - Texas Instruments MC33063AP Datasheet HTML 8Page - Texas Instruments MC33063AP Datasheet HTML 9Page - Texas Instruments MC33063AP Datasheet HTML 10Page - Texas Instruments MC33063AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
+
Q
S
1.25-V
Reference
Regulator
R
CT
Ipk
Oscillator
Q2
Q1
Switch
Collector
4
Switch
Emitter
Timing
Capacitor
GND
3
2
1
8
7
6
5
Comparator
Inverting Input
VCC
Ipk
Sense
Drive
Collector
100 W
MC33063A, MC34063A
www.ti.com
SLLS636N – DECEMBER 2004 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The MC33063A and MC34063A devices are easy-to-use ICs containing all the primary circuitry needed for
building simple DC-DC converters. These devices primarily consist of an internal temperature-compensated
reference, a comparator, an oscillator, a PWM controller with active current limiting, a driver, and a high-current
output switch. Thus, the devices require minimal external components to build converters in the boost, buck, and
inverting topologies.
The MC33063A device is characterized for operation from –40°C to 85°C, while the MC34063A device is
characterized for operation from 0°C to 70°C.
8.2 Functional Block Diagram
8.3 Feature Description
Wide Input Voltage Range: 3 V to 40 V
High Output Switch Current: Up to 1.5 A
Adjustable Output Voltage
Oscillator Frequency Up to 100 kHz
Precision Internal Reference: 2%
Short-Circuit Current Limiting
Low Standby Current
8.4 Device Functional Modes
8.4.1 Standard operation
Based on the application, the device can be configured in multiple different topologies. See the Application and
Implementation section for how to configure the device in several different operating modes.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: MC33063A MC34063A


Similar Part No. - MC33063AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
46Kb / 8P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063AP TI-MC33063AP Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Fairchild Semiconductor
MC33063AP FAIRCHILD-MC33063AP Datasheet
525Kb / 7P
   SMPS Controller
logo
Texas Instruments
MC33063AP TI-MC33063AP Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
More results

Similar Description - MC33063AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com