Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6033 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF6033
Description  High-Precision Voltage Reference With Integrated ADC Drive Buffer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF6033 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF6033 Datasheet HTML 6Page - Texas Instruments REF6033 Datasheet HTML 7Page - Texas Instruments REF6033 Datasheet HTML 8Page - Texas Instruments REF6033 Datasheet HTML 9Page - Texas Instruments REF6033 Datasheet HTML 10Page - Texas Instruments REF6033 Datasheet HTML 11Page - Texas Instruments REF6033 Datasheet HTML 12Page - Texas Instruments REF6033 Datasheet HTML 13Page - Texas Instruments REF6033 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C024
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Frequency (kHz)
C037
0
10
20
30
40
50
-20
-15
-10
-5
0
5
15
20
Thermal hysteresis - Cycle 2 (ppm)
C031
0.001
0.01
0.1
1
10
100
100
1k
10k
100k
1M
Frequency (Hz)
C063
REF20xx (C
L = 10 µF)
REF60xx (C
L = 10 µF)
0
10
20
30
40
50
-80
-60
-40
-20
0
20
40
60
Thermal hysteresis - Cycle 1 (ppm)
C030
500 mV/div
Time (500 µs/div)
C013
200 µV/div
V
IN + 0.25 V
V
IN - 0.25 V
V
IN - 0.25 V
V
REF
10
REF6025, REF6030, REF6033, REF6041, REF6045, REF6050
SBOS708B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6025 REF6030 REF6033 REF6041 REF6045 REF6050
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, IL = 0 mA, and VIN = 5 V, using REF6025 (unless otherwise noted)
Figure 19. Line Transient Response
Figure 20. Thermal Hysteresis Distribution (Cycle 1)
Figure 21. Thermal Hysteresis Distribution (Cycle 2)
Figure 22. Output Impedance Comparison
REF6050 driving REF pin of ADS8881,
fIN = 1 kHz, SNR = 100.5 dB, THD = –125.9 dB
Figure 23. Typical FFT Plot
REF6050 driving REF pin of ADS8881,
fIN = 2 kHz, SNR = 100.4 dB, THD = –123.9 dB
Figure 24. Typical FFT Plot


Similar Part No. - REF6033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125IDGKR TI1-REF6125IDGKR Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6125IDGKT TI1-REF6125IDGKT Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6130 TI1-REF6130 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6130IDGKR TI1-REF6130IDGKR Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
More results

Similar Description - REF6033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF6125 TI1-REF6125 Datasheet
2Mb / 36P
[Old version datasheet]   High-Precision Voltage Reference With Integrated ADC Drive Buffer
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
logo
Texas Instruments
TLV4011 TI1-TLV4011 Datasheet
574Kb / 19P
[Old version datasheet]   TLV4011 Precision Comparator with Integrated Reference
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
logo
Microchip Technology
MCP1501 MICROCHIP-MCP1501_V01 Datasheet
13Mb / 39P
   High-Precision Buffered Voltage Reference
Revision G February 2022
MCP1501 MICROCHIP-MCP1501 Datasheet
1Mb / 36P
   High-Precision Buffered Voltage Reference
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com