Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556IPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IPW
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2556IPW Datasheet HTML 4Page - Texas Instruments TLV2556IPW Datasheet HTML 5Page - Texas Instruments TLV2556IPW Datasheet HTML 6Page - Texas Instruments TLV2556IPW Datasheet HTML 7Page - Texas Instruments TLV2556IPW Datasheet HTML 8Page - Texas Instruments TLV2556IPW Datasheet HTML 9Page - Texas Instruments TLV2556IPW Datasheet HTML 10Page - Texas Instruments TLV2556IPW Datasheet HTML 11Page - Texas Instruments TLV2556IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
8
www.ti.com
timing characteristics over recommended operating free-air temperature range, VREF+ = 5 V, SCLK
frequency = 15 MHz, VCC = 5 V, load = 25 pF (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration I/O CLOCK high or low
26.7
100000
ns
tsu1
Setup time DATA IN valid before I/O CLOCK rising edge (see Figure 38)
12
ns
th1
Hold time DATA IN valid after I/O CLOCK rising edge (see Figure 38)
0
ns
tsu2
Setup time CS low before 1st rising I/O CLOCK edge
(see Note 7 and Figure 39)
25
ns
th2
Hold time CS pulse duration high time (see Figure 39)
100
ns
th3
Hold time CS low after last I/O CLOCK falling edge (see Figure 39)
0
ns
th4
Hold time DATA OUT valid after I/O CLOCK falling edge (see Figure 40)
2
ns
th5
Hold time CS high after EOC rising edge when CS is toggled (see Figure 43)
0
ns
th6
Hold time CS high after INT falling edge (see Figure 43)
0
ns
th7
Hold time I/O CLOCK low after EOC rising edge or INT falling edge when CS is
held low (see Figure 44)
10
ns
t
Delay time CS falling edge to DATA OUT valid
Load = 25 pF
28
ns
td1
Delay time CS falling edge to DATA OUT valid
(MSB or LSB) (see Figure 37)
Load = 10 pF
20
ns
td2
Delay time CS rising edge to DATA OUT high impedance (see Figure 37)
10
ns
td3
Delay time I/O CLOCK falling edge to next DATA OUT bit valid (see Figure 40)
2
20
ns
td4
Delay time last I/O CLOCK falling edge to EOC falling edge (see Figure 41)
55
ns
td5
Delay time last I/O CLOCK falling edge to CS falling edge to abort conversion
1.5
µs
td6
Delay time last I/O CLOCK falling edge to INT falling edge (see Figure 41)
MAX(tconv)
ns
td7
Delay time EOC rising edge or INT falling edge to DATA OUT valid: MSB or LSB
1st (see Figure 42)
4
ns
td9
Delay time I/O CLOCK high to INT rising edge when CS is held low
(see Figure 44)
1
28
ns
tt1
Transition time I/O CLOCK (see Note 7 and Figure 40)
1
µs
tt2
Transition time DATA OUT (see Figure 40)
5
ns
tt3
Transition time INT/EOC, CL at 7 pF (see Figures 41 and 42)
2.4
ns
tt4
Transition time DATA IN, CS
10
µs
tcyc
Total cycle time (sample, conversion and delays) (see Note 7)
MAX(tconv) + I/O
period
(8/12/16 CLKs)
µs
Source impedance = 25
600
t
Channel acquisition time (sample), at 1 k
Source impedance = 100
650
ns
tsample
Channel acquisition time (sam le), at 1 k
(see Note 7)
Source impedance = 500
700
ns
Source impedance = 1 K
1000
NOTE 7: I/O CLOCK period = 8
 [1/(I/O CLOCK frequency)] or 12 [1/(I/O CLOCK frequency)] or 16 [1/(I/O CLOCK frequency)] depends
on I/O format selected.


Similar Part No. - TLV2556IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IPW TI-TLV2556IPW Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPW TI1-TLV2556IPW Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPW TI1-TLV2556IPW Datasheet
1Mb / 39P
[Old version datasheet]   11-Channel Low-Power Serial ADC
TLV2556IPWG4 TI-TLV2556IPWG4 Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWG4 TI1-TLV2556IPWG4 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com