Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG103FA-2.7 Datasheet(PDF) 6 Page - Texas Instruments

Part # REG103FA-2.7
Description  DMOS 500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103FA-2.7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG103FA-2.7 Datasheet HTML 2Page - Texas Instruments REG103FA-2.7 Datasheet HTML 3Page - Texas Instruments REG103FA-2.7 Datasheet HTML 4Page - Texas Instruments REG103FA-2.7 Datasheet HTML 5Page - Texas Instruments REG103FA-2.7 Datasheet HTML 6Page - Texas Instruments REG103FA-2.7 Datasheet HTML 7Page - Texas Instruments REG103FA-2.7 Datasheet HTML 8Page - Texas Instruments REG103FA-2.7 Datasheet HTML 9Page - Texas Instruments REG103FA-2.7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
REG103
6
SBVS010D
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
–75
–25
–50
25
0
50
75
100
125
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
Temperature (
°C)
GROUND PIN CURRENT vs TEMPERATURE
= 10mA
= 100mA
= 500mA
–75
–50
–25
0
25
50
75
100
125
3
2.5
2
1.5
1
0.5
0
Temperature (
°C)
GROUND PIN CURRENT, NOT ENABLED
vs TEMPERATURE
V
ENABLE = 0V
–75
–50
–25
0
25
50
75
100
125
730
720
710
700
690
680
670
660
650
640
630
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
V
OUT = VOUT-NOMINAL • 0.90
V
OUT = 1V
–20
–40
0
40
80
120
–60
20
60
100
140
0.28
0.26
0.24
0.22
0.20
0.18
0.16
0.14
Temperature (
°C)
I
ADJUST vs TEMPERATURE
REG103-A
1
10
100
1000
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
I
OUT (mA)
GROUND PIN CURRENT vs I
OUT
10
100
1000
10000
100000
70
60
50
40
30
20
Frequency (Hz)
RIPPLE REJECTION vs FREQUENCY
C
OUT = 10µF
C
OUT = 0


Similar Part No. - REG103FA-2.7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103FA-2.7 BURR-BROWN-REG103FA-2.7 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103FA-2.7 BURR-BROWN-REG103FA-2.7 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103FA-2.7 TI1-REG103FA-2.7 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103FA-2.7/500 BURR-BROWN-REG103FA-2.7/500 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103FA-2.7KTTT BURR-BROWN-REG103FA-2.7KTTT Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
More results

Similar Description - REG103FA-2.7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103_07 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
REG103 BURR-BROWN-REG103 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com