Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K222AL-IH Datasheet(PDF) 6 Page - TDK Electronics

Part # 73K222AL-IH
Description  V.22, V.21, Bell 212A, 103 Single-Chip Modem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K222AL-IH Datasheet(HTML) 6 Page - TDK Electronics

Back Button 73K222AL-IH Datasheet HTML 2Page - TDK Electronics 73K222AL-IH Datasheet HTML 3Page - TDK Electronics 73K222AL-IH Datasheet HTML 4Page - TDK Electronics 73K222AL-IH Datasheet HTML 5Page - TDK Electronics 73K222AL-IH Datasheet HTML 6Page - TDK Electronics 73K222AL-IH Datasheet HTML 7Page - TDK Electronics 73K222AL-IH Datasheet HTML 8Page - TDK Electronics 73K222AL-IH Datasheet HTML 9Page - TDK Electronics 73K222AL-IH Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
73K222AL
V.22, V.21, Bell 212A, 103
Single-Chip
6
PIN DESCRIPTION (continued)
DTE USER
NAME
28-PIN
TYPE
DESCRIPTION
EXCLK
19
I
External Clock. This signal is used in synchronous transmission
when the external timing option has been selected. In the external
timing mode the rising edge of EXCLK is used to strobe synchronous
DPSK transmit data applied to on the TXD pin. Also used for serial
control interface.
RXCLK
23
O
Receive Clock. The falling edge of this clock output is coincident with
the transitions in the serial received data output. The rising edge of
RXCLK can be used to latch the valid output data. RXCLK will be
valid as long as a carrier is present.
RXD
22
O/
Weak
Pull -up
Received Data Output. Serial receive data is available on this pin.
The data is always valid on the rising edge of RXCLK when in
synchronous mode. RXD will output constant marks if no carrier is
detected.
TXCLK
18
O
Transmit Clock. This signal is used in synchronous transmission to
latch serial input data on the TXD pin. Data must be provided so that
valid data is available on the rising edge of the TXCLK. The transmit
clock
is
derived
from
different
sources
depending
upon
the
synchronization mode selection. In Internal Mode the clock is
generated internally. In External Mode TXCLK is phase locked to the
EXCLK pin. In Slave Mode TXCLK is phase locked to the RXCLK
pin. TXCLK is always active.
TXD
21
I
Transmit Data Input. Serial data for transmission is applied on this pin.
In synchronous modes, the data must be valid on the rising edge of the
TXCLK clock. In asynchronous modes (1200/600 bit/s or 300 baud)
no clocking is necessary. DPSK data must be 1200/600 bit/s +1%,
-2.5% or +2.3%, -2.5 % in extended overspeed mode.
ANALOG INTERFACE AND OSCILLATOR
RXA
27
I
Received modulated analog signal input from the telephone line
interface.
TXA
16
O
Transmit analog output to the telephone line interface.
XTL1
XTL2
2
3
I
I
These pins are for the internal crystal oscillator requiring a 11.0592 MHz
parallel mode crystal. Load capacitors should be connected from XTL1
and XTL2 to Ground. XTL2 can also be driven from an external clock.


Similar Part No. - 73K222AL-IH

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL-IH/F TERIDIAN-73K222AL-IH/F Datasheet
277Kb / 27P
   Single-Chip Modem
73K222AL-IHR/F TERIDIAN-73K222AL-IHR/F Datasheet
277Kb / 27P
   Single-Chip Modem
More results

Similar Description - 73K222AL-IH

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com