Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1A256 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1A256
Description  16/32-Bit RISC Flash Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1A256 Datasheet(HTML) 4 Page - Texas Instruments

  TMS470R1A256 Datasheet HTML 1Page - Texas Instruments TMS470R1A256 Datasheet HTML 2Page - Texas Instruments TMS470R1A256 Datasheet HTML 3Page - Texas Instruments TMS470R1A256 Datasheet HTML 4Page - Texas Instruments TMS470R1A256 Datasheet HTML 5Page - Texas Instruments TMS470R1A256 Datasheet HTML 6Page - Texas Instruments TMS470R1A256 Datasheet HTML 7Page - Texas Instruments TMS470R1A256 Datasheet HTML 8Page - Texas Instruments TMS470R1A256 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
www.ti.com
TMS470R1A256
16/32-Bit RISC Flash Microcontroller
SPNS100B – NOVEMBER 2004 – REVISED AUGUST 2006
The HET is an advanced intelligent timer that provides sophisticated timing functions for real-time applications.
The timer is software-controlled, using a reduced instruction set, with a specialized timer micromachine and an
attached I/O port. The HET can be used for compare, capture, or general-purpose I/O. It is especially well suited
for applications requiring multiple sensor information and drive actuators with complex and accurate time pulses.
For more detailed functional information on the HET, see the TMS470R1x High-End Timer (HET) Reference
Guide (literature number SPNU199).
The A256 HET peripheral contains the XOR-share feature. This feature allows two adjacent HET high-resolution
channels to be XORed together, making it possible to output smaller pulses than a standard HET. For more
detailed information on the HET XOR-share feature, see the TMS470R1x High-End Timer (HET) Reference
Guide (literature number SPNU199).
The A256 device has a 10-bit-resolution sample-and-hold MibADC. The MibADC channels can be converted
individually or can be grouped by software for sequential conversion sequences. There are three separate
groupings, two of which are triggerable by an external event. Each sequence can be converted once when
triggered or configured for continuous conversion mode. For more detailed functional information on the
MibADC, see the TMS470R1x Multi-Buffered Analog-to-Digital Converter (MibADC) Reference Guide (literature
number SPNU206).
The zero-pin phase-locked loop (ZPLL) clock module contains a phase-locked loop, a clock-monitor circuit, a
clock-enable circuit, and a prescaler (with prescale values of 1–8). The function of the ZPLL is to multiply the
external frequency reference to a higher frequency for internal use. The ZPLL provides ACLK to the system
(SYS) module. The SYS module subsequently provides the system clock (SYSCLK), real-time interrupt clock
(RTICLK), CPU clock (MCLK), and peripheral interface clock (ICLK) to all other A256 device modules. For more
detailed functional information on the ZPLL, see the TMS470R1x Zero-Pin Phase Locked Loop (ZPLL) Clock
Module Reference Guide (literature number SPNU212).
NOTE:
ACLK should not be confused with the MibADC internal clock, ADCLK. ACLK is the
continuous system clock from an external resonator/crystal reference.
The A256 device also has an external clock prescaler (ECP) module that when enabled, outputs a continuous
external clock (ECLK) on a specified GIO pin. The ECLK frequency is a user-programmable ratio of the
peripheral interface clock (ICLK) frequency. For more detailed functional information on the ECP, see the
TMS470R1x External Clock Prescaler (ECP) Reference Guide (literature number SPNU202).
4
Submit Documentation Feedback


Similar Part No. - TMS470R1A256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A256 TI-TMS470R1A256 Datasheet
392Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256PZ TI-TMS470R1A256PZ Datasheet
392Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com