Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1A256 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1A256
Description  16/32-Bit RISC Flash Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1A256 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470R1A256 Datasheet HTML 4Page - Texas Instruments TMS470R1A256 Datasheet HTML 5Page - Texas Instruments TMS470R1A256 Datasheet HTML 6Page - Texas Instruments TMS470R1A256 Datasheet HTML 7Page - Texas Instruments TMS470R1A256 Datasheet HTML 8Page - Texas Instruments TMS470R1A256 Datasheet HTML 9Page - Texas Instruments TMS470R1A256 Datasheet HTML 10Page - Texas Instruments TMS470R1A256 Datasheet HTML 11Page - Texas Instruments TMS470R1A256 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
www.ti.com
TMS470R1A256
16/32-Bit RISC Flash Microcontroller
SPNS100B – NOVEMBER 2004 – REVISED AUGUST 2006
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
TYPE(1)(2)
PULLUP/
DESCRIPTION
PIN
NAME
PULLDOWN(3)
NUMBER
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT0
28
3.3-V I
GIOA[1]/INT1/
29
ECLK
GIOA[2]/INT2
30
GIOA[3]/INT3
31
General-purpose input/output pins.
GIOA[4]/INT4
25
GIOA[0]/INT[0] is an input-only pin. GIOA[7:0]/INT[7:0] are
GIOA[5]/INT5
24
interrupt-capable pins.
GIOA[6]/INT6
23
GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-out
GIOA[7]/INT7
22
3.3-V I/O
IPD
function of the external clock prescale (ECP) module.
GIOB[0]
16
GIOB[1]
15
GIOB[2]
14
GIOB[3]
13
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC)
MibADC event input. ADEVT can be programmed as a GIO pin.The
ADEVT pin can also be used as a user-selectable event source to
event trigger the MibADC event group or group1 if the associated
ADEVT
66
3.3-V I/O
register source bits are properly configured and defined. For the
internal device connections, see the MibADC section of this data
sheet.
ADIN[0]
75
ADIN[1]
74
ADIN[2]
73
ADIN[3]
72
ADIN[4]
71
ADIN[5]
69
IPD
ADIN[6]
68
ADIN[7]
67
3.3-V I
MibADC analog input pins
ADIN[8]
82
ADIN[9]
80
ADIN[10]
78
ADIN[11]
76
ADIN[12]
81
ADIN[13]
79
ADIN[14]
77
ADIN[15]
70
ADREFHI
83
3.3-V REF I
MibADC module high-voltage reference input
ADREFLO
84
GND REF I
MibADC module low-voltage reference input
VCCAD
85
3.3-V PWR
MibADC analog supply voltage
VSSAD
86
GND
MibADC analog ground reference.
8
Submit Documentation Feedback


Similar Part No. - TMS470R1A256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A256 TI-TMS470R1A256 Datasheet
392Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256PZ TI-TMS470R1A256PZ Datasheet
392Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com