Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1A384 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1A384
Description  16/32-Bit RISC Flash Microcontroller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1A384 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1A384 Datasheet HTML 5Page - Texas Instruments TMS470R1A384 Datasheet HTML 6Page - Texas Instruments TMS470R1A384 Datasheet HTML 7Page - Texas Instruments TMS470R1A384 Datasheet HTML 8Page - Texas Instruments TMS470R1A384 Datasheet HTML 9Page - Texas Instruments TMS470R1A384 Datasheet HTML 10Page - Texas Instruments TMS470R1A384 Datasheet HTML 11Page - Texas Instruments TMS470R1A384 Datasheet HTML 12Page - Texas Instruments TMS470R1A384 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
TMS470R1A384
www.ti.com ......................................................................................................................................................... SPNS110E – AUGUST 2005 – REVISED MAY 2008
Table 2. Terminal Functions
TERMINAL
INTERNAL
INPUT
OUTPUT
PULLUP/
DESCRIPTION
VOLTAGE(1)(2)
CURRENT(3)
NAME
PZ
PGE
PULLDOWN
HIGH-END TIMER (HET)
HET[0]
51
73
Timer input capture or output compare. The
HET[1]
50
72
HET[8:0,18,20,22] applicable pins can be
HET[2]
49
71
programmed as general-purpose input/output
HET[3]
46
66
(GIO) pins. All are high-resolution pins.
The high-resolution (HR) SHARE feature allows
HET[4]
45
65
even HR pins to share the next higher odd HR
HET[5]
44
63
pin structures. This HR sharing is independent
3.3 V
2 mA
of whether or not the odd pin is available
HET[6]
6
9
externally. If an odd pin is available externally
HET[7]
7
11
and shared, then the odd pin can only be used
HET[8]
8
12
as a general-purpose I/O. For more information
on HR SHARE, see the TMS470R1x High-End
HET[18]
9
15
Timer (HET) Reference Guide (literature number
HET[20]
12
18
SPNU199).
HET[22]
13
19
STANDARD CAN CONTROLLER (SCC)
CAN1SRX
58
83
5-V tolerant
4 mA
SCC1 receive pin or GIO pin
CAN1STX
59
84
3.3 V
2 mA
SCC1 transmit pin or GIO pin
CAN2SRX
37
54
5-V tolerant
4 mA
SCC2 receive pin or GIO pin
CAN2STX
38
55
3.3 V
2 mA
SCC 2 transmit pin or GIO pin
CLASS II SERIAL INTERFACE (C2SIB)
C2SILPN
14
21
3.3 V
2 mA
C2SIb module loopback enable pin or GIO pin
C2SIRX
15
22
5-V tolerant
4 mA
C2SIb module receive data input pin or GIO pin
C2SIb module transmit data output pin or GIO
C2SITX
16
24
3.3 V
2 mA
pin
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT[0]
99
141
GIOA[1]/INT[1]/ECLK
96
136
GIOA[2]/INT[2]
95
134
General-purpose input/output pins.
GIOA[7:0]/INT[7:0] are interrupt-capable pins.
GIOA[3]/INT[3]
94
133
5-V tolerant
4 mA
GIOA[1]/INT[1]/ECLK pin is multiplexed with the
GIOA[4]/INT[4]
89
127
external clock-out function of the external clock
prescale (ECP) module.
GIOA[5]/INT[5]
67
98
GIOA[6]/INT[6]
55
78
GIOA[7]/INT[7]
56
79
GIOB[0]/DMAREQ[0]
30
43
GIOC[0]/EBOE
-
135
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:],
GIOC[1]/EBWR[0]
-
128
GIOF[7:0], GIOG[7:0], and GIOH[5:0] are
3.3 V
2 mA
IPD (20 µA)
multiplexed with the expansion bus module.
GIOC[2]/EBWR[1]
-
126
See Table 7.
GIOC[3]/EBCS[5]
-
120
GIOC[4]/EBCS[6]
-
119
(1)
PWR = power, GND = ground, REF = reference voltage, NC = no connect
(2)
All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
(3)
IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST
state.)
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMS470R1A384


Similar Part No. - TMS470R1A384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A384 TI-TMS470R1A384 Datasheet
519Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PGET TI-TMS470R1A384PGET Datasheet
519Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PZ-T TI-TMS470R1A384PZ-T Datasheet
519Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com