Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0714 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS0714
Description  16- and 32-Bit RISC Flash Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0714 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS0714 Datasheet HTML 4Page - Texas Instruments TMS570LS0714 Datasheet HTML 5Page - Texas Instruments TMS570LS0714 Datasheet HTML 6Page - Texas Instruments TMS570LS0714 Datasheet HTML 7Page - Texas Instruments TMS570LS0714 Datasheet HTML 8Page - Texas Instruments TMS570LS0714 Datasheet HTML 9Page - Texas Instruments TMS570LS0714 Datasheet HTML 10Page - Texas Instruments TMS570LS0714 Datasheet HTML 11Page - Texas Instruments TMS570LS0714 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
TMS570LS0714
SPNS226D – JUNE 2013 – REVISED SEPTEMBER 2015
www.ti.com
Table 6-36 (JTAG Scan Interface Timing): Updated/Changed NO. 2, tsu(TDI/TMS - RTCKr) MIN from "21" to
"26" ns
................................................................................................................................ 90
Table 6-36: Updated/Changed NO. 5, td(TCKf -TDO) MAX from "10" to "12" ns
.......................................... 90
Table 7-2 (Switching Characteristics for Output Timings versus Load Capacitance (CL)): Corrected the rise/fall
times of the 8/2 mA buffers in 8 mA mode
....................................................................................... 94
Figure 7-3 (ePWMx Module Interconnections): Added footnote A, ePWMx Input Synchronziation Selection detail
reference
............................................................................................................................. 96
Figure 7-4 (ePWMx Input Synchronization Selection Detail): Added paragraph and new figure
......................... 96
Table 7-6 (Connection to ePWMx Modules for Device-Level Trip Zone Inputs): Add "filter width is 6 VCLK4
cycles" footnote
...................................................................................................................... 99
Table 7-8 (ePWMx Timing Requirements): Added "filter width is 6 VCLK4 cycles" footnote
............................ 101
Table 7-10 (ePWMx Trip-Zone Timing Requirements): Updated/Change tw(TZ) Asynchronous MIN value ............ 101
Table 7-10: Add "filter width is 6 VCLK4 cycles" footnote
.................................................................... 101
Figure 7-3 (eCAPx Module Interconnections): Added footnote A, eCAPx Input Synchronziation Selection detail
reference
............................................................................................................................ 102
Figure 7-7 (eCAPx Input Synchronization Selection Detail): Added paragraph and new figure
........................ 102
Table 7-12 (Device-Level Input Connection to eCAPx Modules): Add "filter width is 6 VCLK4 cycles" footnote
..... 103
Table 7-13 (eCAPx Timing Requirements): Add "filter width is 6 VCLK4 cycles" footnote
.............................. 104
Figure 7-8 (eQEP Module Interconnections): Added footnote A, eQEPx Input Synchronziation Selection detail
... 105
Figure 7-9 (eQEPx Input Synchronization Selection Detail): Added paragraph and new figure
........................ 105
Table 7-16 (Device-Level Input Connection to eQEPx Modules): Add "filter width is 6 VCLK4 cycles" footnote
..... 106
Table 7-17 (eQEPx Timing Requirements): Added "filter width is 6 VCLK4 cycles" footnote
.......................... 106
Section 7.5.2.1 (MibADC1 Event Trigger Hookup): NOTE: Updated/Changed "ePWM_S2" to "ePWM_A2"
......... 109
Table 7-21 (MibADC2 Event Trigger Hookup): Updated/Changed "AD1EVT" to "AD2EVT" for Option A and
Option B of EVSRC 000
.......................................................................................................... 110
Section 7.5.2.2 (MibADC2 Event Trigger Hookup): NOTE: Updated/Changed "ePWM_S2" to "ePWM_A2"
......... 110
Table 7-23 (MibADC Recommended Operating Conditions): Added associated footnotes to VCCAD MAX, VSSAD
MIN, and IAIC........................................................................................................................ 113
Table 7-24 (MibADC Electrical Characteristics): Updated/Changed the VCCAD = 5.5 V maximum test condition..... 113
Table 7-26 (MibADC Operating Characteristics): Updated/Changed the MAX value of the Conversion Range
(CR) to "5.25" V
.................................................................................................................... 115
Table 7-26: Updated/Changed "(See Figure 76)" text to crossreference Figure 7-12, Differential Nonlinearity
(DNL) Error
......................................................................................................................... 115
Section 7.12.1 Corrected size of SPI baud rate generator, 11 bit, not 8 bit
............................................... 130
Section 7.12.4 (MibSPI/SPI Master Mode I/O Timing Specifications): Updated/Changed MibSPI timings
............ 134
Section 7.12.5 (SPI Slave Mode I/O Timings): Updated/Changed MibSPI timings
....................................... 138
Section 8 (Applications, Implementation, and Layout): Added new section.
............................................... 142
Section 9.1 (Development Support): Added new subsection
................................................................ 143
Figure 9-1 (TMS570LS0714 Device Numbering Conventions): Updated/Changed Die Revision
...................... 143
Section 9.7.1 (Device Identification Code Register): Added device identification code register value for silicon
"Rev A"
.............................................................................................................................. 146
Section 9.8 (Module Certifications): Added missing subsections numbering.
............................................. 147
Section 10.1 (Packaging Information): Updated/Changed paragraph
...................................................... 152
8
Revision History
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0714


Similar Part No. - TMS570LS0714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714-S TI1-TMS570LS0714-S Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714_17 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS0714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com