Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0714PGE Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS570LS0714PGE
Description  16- and 32-Bit RISC Flash Microcontroller
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0714PGE Datasheet(HTML) 4 Page - Texas Instruments

  TMS570LS0714PGE Datasheet HTML 1Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 2Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 3Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 4Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 5Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 6Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 7Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 8Page - Texas Instruments TMS570LS0714PGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 159 page
background image
TMS570LS0714
SPNS226D – JUNE 2013 – REVISED SEPTEMBER 2015
www.ti.com
The device has multiple communication interfaces: three MibSPIs; two SPIs; two SCIs, one of which can
be used as LIN; three DCANs; and one I2C module. The SPI provides a convenient method of serial
interaction for high-speed communications between similar shift-register type devices. The LIN supports
the Local Interconnect standard 2.0 and can be used as a UART in full-duplex mode using the standard
Non-Return-to-Zero (NRZ) format. The DCAN supports the CAN 2.0B protocol standard and uses a serial,
multimaster communication protocol that efficiently supports distributed real-time control with robust
communication rates of up to 1 Mbps. The DCAN is ideal for applications operating in noisy and harsh
environments (for example, automotive and industrial fields) that require reliable serial communication or
multiplexed wiring.
The I2C module is a multimaster communication module providing an interface between the
microcontroller and an I2C-compatible device through the I2C serial bus. The I2C module supports speeds
of 100 and 400 kbps.
A Frequency-Modulated Phase-Locked Loop (FMPLL) clock module is used to multiply the external
frequency reference to a higher frequency for internal use. The FMPLL provides one of the six possible
clock source inputs to the Global Clock Module (GCM). The GCM manages the mapping between the
available clock sources and the device clock domains.
The device also has an external clock prescaler (ECP) circuit that when enabled, outputs a continuous
external clock on the ECLK terminal. The ECLK frequency is a user-programmable ratio of the peripheral
interface clock (VCLK) frequency. This low-frequency output can be monitored externally as an indicator of
the device operating frequency.
The Direct Memory Access (DMA) controller has 16 channels, 32 peripheral requests,
and parity protection on its memory. An MPU is built into the DMA to protect memory against erroneous
transfers.
The Error Signaling Module (ESM) monitors device errors and determines whether an interrupt or external
error signal (nERROR) is asserted when a fault is detected. The nERROR terminal can be monitored
externally as an indicator of a fault condition in the microcontroller.
With integrated functional safety features and a wide choice of communication and control peripherals, the
TMS570LS0714 device is an ideal solution for high-performance, real-time control applications with safety-
critical requirements.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS570LS0714PGE
LQFP (144)
20.0 mm × 20.0 mm
TMS570LS0714PZ
LQFP (100)
14.0 mm × 14.0 mm
(1)
For more information, see Section 10, Mechanical Packaging and Orderable Information.
4
Device Overview
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0714


Similar Part No. - TMS570LS0714PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714-S TI1-TMS570LS0714-S Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714_17 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS0714PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com