Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0432PZ Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS570LS0432PZ
Description  16- and 32-Bit RISC Flash Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0432PZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS570LS0432PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 10Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 11Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 12Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 13Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
4.2
Terminal Functions
Table 4-1 through Table 4-16 identify the external signal names, the associated pin numbers along with
the mechanical package designator, the pin type (Input, Output, I/O, Power, or Ground), whether the pin
has any internal pullup/pulldown, whether the pin can be configured as a GPIO, and a functional pin
description.
NOTE
In the Terminal Functions table below, the "Reset Pull State" is the state of the pull applied to
the terminal while nPORRST is low and immediately after nPORRST goes High. The default
pull direction may change when software configures the pin for an alternate function. The
"Pull Type" is the type of pull asserted when the signal name in bold is enabled for the given
terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and
immediately after nPORRST goes High. While nPORRST is low, the input buffers
are disabled, and the output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled
while nPORRST is low, and are configured as outputs with the pulls disabled
immediately after nPORRST goes High.
4.2.1
High-End Timer (N2HET)
Table 4-1. High-End Timer (N2HET)
TERMINAL
SIGNAL
RESET
PULL TYPE
DESCRIPTION
TYPE
PULL
SIGNAL NAME
100
STATE
PZ
N2HET[0]
19
I/O
Pulldown
Programmable,
Timer input capture or output compare. The
20 µA
N2HET applicable terminals can be programmed
N2HET[2]
22
as general-purpose input/output (GPIO).
N2HET[4]
25
Each terminal has a suppression filter with a
programmable duration.
N2HET[6]
26
N2HET[8]
74
N2HET[10]
83
N2HET[12]
89
N2HET[14]
90
N2HET[16]
97
MIBSPI1nCS[1]/EQEPS/
93
N2HET[17]
N2HET[18]
98
MIBSPI1nCS[2]/N2HET[20]/
27
N2HET[19]
MIBSPI1nCS[2]/N2HET[20]/
27
N2HET[19]
N2HET[22]
11
N2HET[24]
64
MIBSPI1nCS[3]/N2HET[26]
39
ADEVT/N2HET[28]
58
GIOA[7]/N2HET[29]
18
MIBSPI1nENA/N2HET[23]/
68
N2HET[30]
GIOA[6]/SPI2nCS[1]/N2HET[31]
12
10
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMS570LS0432PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432PZ TI1-TMS570LS0432PZ Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS0432PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com