Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7490 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7490
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490 Datasheet(HTML) 1 Page - Analog Devices

  AD7490 Datasheet HTML 1Page - Analog Devices AD7490 Datasheet HTML 2Page - Analog Devices AD7490 Datasheet HTML 3Page - Analog Devices AD7490 Datasheet HTML 4Page - Analog Devices AD7490 Datasheet HTML 5Page - Analog Devices AD7490 Datasheet HTML 6Page - Analog Devices AD7490 Datasheet HTML 7Page - Analog Devices AD7490 Datasheet HTML 8Page - Analog Devices AD7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
REV. A
AD7490
16-Channel, 1 MSPS, 12-Bit ADC
with Sequencer in 28-Lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
VIN0
VIN15
T/H
I/P
MUX
SEQUENCER
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
DOUT
DIN
CS
VDRIVE
VDD
AD7490
REFIN
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low Power at Max Throughput Rates:
5.4 mW Max at 870 kSPS with 3 V Supplies
12.5 mW Max at 1 MSPS with 5 V Supplies
16 (Single-Ended) Inputs with Sequencer
Wide Input Bandwidth:
69.5 dB SNR at 50 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface SPI™/QSPI™/
MICROWIRE™/DSP Compatible
Full Shutdown Mode: 0.5
A Max
28-Lead TSSOP and 32-Lead LFCSP Packages
GENERAL DESCRIPTION
The AD7490 is a 12-bit high speed, low power, 16-channel,
successive-approximation ADC. The part operates from a single
2.7 V to 5.25 V power supply and features throughput rates up
to 1 MSPS. The part contains a low noise, wide bandwidth
track-and-hold amplifier that can handle input frequencies in
excess of 1 MHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock signal, allowing the device to
easily interface with microprocessors or DSPs. The input signal
is sampled on the falling edge of
CS and conversion is also
initiated at this point. There are no pipeline delays associated
with the part.
The AD7490 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. For maximum
throughput rates, the AD7490 consumes just 1.8 mA with 3 V
supplies, and 2.5 mA with 5 V supplies.
By setting the relevant bits in the Control Register, the analog
input range for the part can be selected to be a 0 to REFIN input or
a 0 to 2
REFIN with either straight binary or twos complement
output coding. The AD7490 features 16 single-ended analog
inputs with a channel sequencer to allow a preprogrammed
selection of channels to be converted sequentially.
The conversion time is determined by the SCLK frequency as
this is also used as the master clock to control the conversion.
The AD7490 is available in a 28-lead thin shrink small outline
(TSSOP) package, and a 32-lead chip scale package.
SPI and QSPI are trademarks of Motorola Inc.
MICROWIRE is a trademark of National Semiconductor Corporation
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption
The AD7490 offers up to 1 MSPS throughput rates. At
maximum throughput with 3 V supplies, the AD7490
dissipates just 5.4 mW of power.
2. Sixteen Single-Ended Inputs with Channel Sequencer
A Sequence of channels can be selected, through which the
AD7490 will cycle and convert.
3. Single-Supply Operation with VDRIVE Function
The AD7490 operates from a single 2.7 V to 5.25 V supply.
The VDRIVE function allows the serial interface to connect
directly to either 3 V or 5 V processor systems independent
of VDD.
4. Flexible Power/Serial Clock Speed Management
The conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. The part also features various shutdown
modes to maximize power efficiency at lower throughput
rates. Power consumption is 0.5
µA max when in full shutdown.
5. No Pipeline Delay
The part features a standard successive-approximation ADC
with accurate control of the sampling instant via a
CS input
and once off conversion control.


Similar Part No. - AD7490

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BCPZ AD-AD7490BCPZ Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BCPZ AD-AD7490BCPZ Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
AD7490BCPZ-REEL7 AD-AD7490BCPZ-REEL7 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490BCPZ-REEL7 AD-AD7490BCPZ-REEL7 Datasheet
748Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC
More results

Similar Description - AD7490

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
logo
ams AG
AS1542 AMSCO-AS1542 Datasheet
78Kb / 2P
   16-Channel, 1 Msps, 12-Bit ADC with Sequencer
logo
Analog Devices
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904 Datasheet
411Kb / 24P
   4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com