Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS1224ZWT Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS570LS1224ZWT
Description  16- and 32-Bit RISC Flash Microcontroller
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1224ZWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS570LS1224ZWT Datasheet HTML 5Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 6Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 7Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 8Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 9Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 10Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 11Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 12Page - Texas Instruments TMS570LS1224ZWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 169 page
background image
nTRST
109
144
110
111
112
113
114
115
116
117
118
119
120
121
AD1IN[10] / AD2IN[10]
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
MIBSPI3NCS[1]
N2HET1[6]
N2HET1[13]
MIBSPI1NCS[2]
N2HET1[15]
VCCIO
VSS
VSS
VCC
nPORRST
VSS
VCC
VCC
VSS
MIBSPI3SOMI
MIBSPI3SIMO
MIBSPI3CLK
MIBSPI3NENA
MIBSPI3NCS[0]
VSS
VCC
AD1IN[16] / AD2IN[0]
AD1IN[17] / AD2IN[1]
AD1IN[0]
AD1IN[7]
AD1IN[18] / AD2IN[2]
AD1IN[19] / AD2IN[3]
AD1IN[20] / AD2IN[4]
AD1IN[21] / AD2IN[5]
ADREFHI
ADREFLO
VSSAD
VCCAD
AD1IN[9] / AD2IN[9]
AD1IN[1]
TDI
TDO
TCK
RTCK
VCC
VSS
nRST
nERROR
N2HET1[10]
ECLK
VCCIO
VSS
VSS
VCC
N2HET1[12]
N2HET1[14]
GIOB[0]
N2HET1[30]
CAN2TX
CAN2RX
MIBSPI1NCS[1]
LINRX
LINTX
GIOB[1]
VCCP
VSS
VCCIO
VCC
VSS
N2HET1[16]
N2HET1[18]
N2HET1[20]
GIOB[2]
VCC
VSS
TMS570LS1224
www.ti.com
SPNS190B – OCTOBER 2012 – REVISED FEBRUARY 2015
4
Terminal Configuration and Functions
4.1
PGE QFP Package Pinout (144-Pin)
Figure 4-1. PGE QFP Package Pinout (144-Pin)
Note: Pins can have multiplexed functions. Only the default function is depicted in above diagram.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: TMS570LS1224


Similar Part No. - TMS570LS1224ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS1225 TI1-TMS570LS1225 Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225PGE TI1-TMS570LS1225PGE Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1225ZWT TI1-TMS570LS1225ZWT Datasheet
9Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI1-TMS570LS1227 Datasheet
9Mb / 184P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
TMS570LS1227 TI-TMS570LS1227 Datasheet
9Mb / 186P
[Old version datasheet]   TMS570LS1227 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS1224ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com