Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3705 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS3705
Description  Transponder Base Station IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS3705 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS3705_16 Datasheet HTML 4Page - Texas Instruments TMS3705_16 Datasheet HTML 5Page - Texas Instruments TMS3705_16 Datasheet HTML 6Page - Texas Instruments TMS3705_16 Datasheet HTML 7Page - Texas Instruments TMS3705_16 Datasheet HTML 8Page - Texas Instruments TMS3705_16 Datasheet HTML 9Page - Texas Instruments TMS3705_16 Datasheet HTML 10Page - Texas Instruments TMS3705_16 Datasheet HTML 11Page - Texas Instruments TMS3705_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
TMS3705
SCBS881C – JANUARY 2010 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS3705
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD = 4.5 V to 5.5 V, fosc = 4 MHz, F_SEL = high, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase-Locked Loop (D_TST)
fpll
PLL frequency
15.984
16 16.0166
MHz
Δf/fpll
Jitter of the PLL frequency
6%
Power-On Reset (POR)
Vpor_r
POR threshold voltage, rising
VDD rising with low slope
1.9
3.5
V
Vpor_f
POR threshold voltage, falling
VDD falling with low slope
1.3
2.6
V
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
4.5
Thermal Resistance Characteristics for D (SOIC) Package
PARAMETER
VALUE
UNIT
RθJA
Thermal resistance, junction to ambient(1)
130
°C/W
4.6
Switching Characteristics
VDD = 4.5 V to 5.5 V, fosc = 4 MHz, F_SEL = high, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tinit min
Time for TXCT high to initialize a new
transmission
From start of the oscillator after power on
or waking up until reaching the Idle state
(see Figure 4-1, Figure 4-2, Figure 4-3)
2
2.05
2.2
ms
tdiag
Delay between leaving Idle state and start of
diagnosis byte at SCIO
Normal operation (see Figure 4-1,
Figure 4-2, Figure 4-3)
2
2.12
2.2
ms
tR
Delay between end of charge or end of
program and start of transponder data transmit
on SCIO
See Figure 4-1, Figure 4-2, Figure 4-3.
3
ms
toff
Write pulse pause
See Figure 4-5.
0.1
ms
tdwrite
Signal delay on TXCT for controlling the full
bridge
Write mode
73
79
85
µs
tmcr
NRZ bit duration for mode control register
See Figure 4-4.
121
128
135
µs
tsci
NRZ bit duration on SCIO
Asynchronous mode (see Figure 4-6)
63
64
65
µs
tdstop
Low signal delay on TXCT to stop
Synchronous mode
128
800
µs
tt_sync
Total TXCT time for reading data on SCIO
Synchronous mode (see Figure 4-7)
900
µs
tsync
TXCT period for shifting data on SCIO
Synchronous mode (seeFigure 4-7)
4
64
100
µs
tL_sync
Low phase on TXCT
Synchronous mode (see Figure 4-7)
2
32
tsync – 2
µs
tready
Data ready for output after SCIO goes high
Synchronous mode (see Figure 4-7)
1
127
µs


Similar Part No. - TMS3705_16

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
TMS3705A1DRG4 PERICOM-TMS3705A1DRG4 Datasheet
88Kb / 4P
   LF BASE STATION IC
logo
Texas Instruments
TMS3705A1DRG4 TI-TMS3705A1DRG4 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
More results

Similar Description - TMS3705_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI-TMS3705_V01 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC
logo
Pericom Semiconductor C...
RI-TMS3705ADR PERICOM-RI-TMS3705ADR_08 Datasheet
88Kb / 4P
   LF BASE STATION IC
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC TMS3705ADR
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com